Electronic Components Datasheet Search
  English  ▼

X  

LMP7702MM Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702MM
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7702MM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP7702MM Datasheet HTML 12Page - Texas Instruments LMP7702MM Datasheet HTML 13Page - Texas Instruments LMP7702MM Datasheet HTML 14Page - Texas Instruments LMP7702MM Datasheet HTML 15Page - Texas Instruments LMP7702MM Datasheet HTML 16Page - Texas Instruments LMP7702MM Datasheet HTML 17Page - Texas Instruments LMP7702MM Datasheet HTML 18Page - Texas Instruments LMP7702MM Datasheet HTML 19Page - Texas Instruments LMP7702MM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
0
2
4
6
8
10
-500
-250
0
250
500
VCM (V)
VS = 10V
-40°C
25°C
0
2
4
6
8
10
-300
-200
-100
0
100
200
300
VCM (V)
VS = 10V
85°C
125°C
0
1
2
3
4
5
-300
-200
-100
0
100
200
300
VCM (V)
VS = 5V
-40°C
25°C
0
1
2
3
VCM (V)
-300
-200
0
200
300
100
-100
85°C
125°C
4
5
VS = 5V
0
0.5
1
1.5
2
2.5
3
VCM (V)
-200
-100
0
100
200
VS = 3V
-40°C
25°C
0
1
2
3
VCM (V)
-300
-200
0
200
300
VS = 3V
0.5
1.5
2.5
100
-100
85°C
125°C
LMP7701, LMP7702, LMP7704
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
TA = 25°C, VCM = VS/2, RL > 10 kΩ (unless otherwise noted)
Figure 14. Input Bias Current vs VCM
Figure 13. Input Bias Current vs VCM
Figure 16. Input Bias Current vs VCM
Figure 15. Input Bias Current vs VCM
Figure 17. Input Bias Current vs VCM
Figure 18. Input Bias Current vs VCM
16
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com