Electronic Components Datasheet Search
  English  ▼

X  

INA217 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA217
Description  Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA217 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA217 Datasheet HTML 2Page - Texas Instruments INA217 Datasheet HTML 3Page - Texas Instruments INA217 Datasheet HTML 4Page - Texas Instruments INA217 Datasheet HTML 5Page - Texas Instruments INA217 Datasheet HTML 6Page - Texas Instruments INA217 Datasheet HTML 7Page - Texas Instruments INA217 Datasheet HTML 8Page - Texas Instruments INA217 Datasheet HTML 9Page - Texas Instruments INA217 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
INA217
SBOS247C – JUNE 2002 – REVISED NOVEMBER 2015
www.ti.com
6.5 Electrical Characteristics: VS = ±15 V
TA = 25°C, RL = 2 kΩ, VS = ±15 V, unless otherwise noted.
TA = 25°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
GAIN EQUATION(1)
G = 1 + 10k/RG
Range
1 to 10000
V/V
G = 1
±0.1%
±0.25%
G = 10
±0.2%
±0.7%
Gain Error
G = 100
±0.2%
G = 1000
±0.5%
GAIN TEMPERATURE DRIFT COEFFICIENT
G = 1
TA = –40°C to 85°C
±3
±10
ppm/°C
G > 10
TA = –40°C to 85°C
±40
±100
ppm/°C
G = 1
±0.0003
% of FS
Nonlinearity
G = 100
±0.0006
% of FS
INPUT STAGE NOISE
fO = 1 kHz
RSOURCE = 0 Ω
1.3
nV/
√Hz
Voltage Noise
fO = 100 Hz
1.5
nV/
√Hz
fO = 10 Hz
3.5
nV/
√Hz
Current Noise,
fO = 1 kHz
0.8
pA/
√Hz
OUTPUT STAGE NOISE
Voltage Noise,
fO = 1 kHz
90
nV/
√Hz
INPUT OFFSET VOLTAGE
Input Offset Voltage
VCM = VOUT = 0 V
50 + 2000/G
250 + 5000/G
µV
vs Temperature
TA = –40°C to 85°C
1 + 20/G
µV/°C
vs Power Supply
VS = ±4.5 V to ±18 V
1 + 50/G
3 + 200/G
µV/V
INPUT VOLTAGE RANGE
VIN+ – VIN– = 0V
(V+) – 4
(V+) – 3
V
Common-Mode Voltage Range
VIN+ – VIN– = 0V
(V–) + 4
(V–) + 3
V
Common-
G = 1
VCM = ±11 V, RSRC = 0 Ω
70
80
dB
Mode
G = 100
100
116
dB
Rejection
INPUT BIAS CURRENT
Initial Bias Current
2
12
µA
vs Temperature
TA = –40°C to 85°C
10
nA/°C
Initial Offset Current
0.1
1
µA
vs Temperature
TA = –40°C to 85°C
0.5
nA/°C
INPUT IMPEDANCE
Differential
60 || 2
M
Ω || pF
Common-Mode
60 || 2
M
Ω || pF
DYNAMIC RESPONSE
Bandwidth, Small Signal, –3d B
G = 1
3.4
MHz
G = 100
800
kHz
Slew Rate
15
V/µs
THD+Noise, f = 1 kHz
G = 100
0.004%
0.1%
G = 100, 10V Step
2
µs
Settling Time
0.01%
G = 100, 10V Step
3.5
µs
Overload Recovery
50% Overdrive
1
µs
(1)
Gain accuracy is a function of external RG.
6
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: INA217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com