Electronic Components Datasheet Search
  English  ▼

X  

INA217 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA217
Description  Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA217 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA217 Datasheet HTML 8Page - Texas Instruments INA217 Datasheet HTML 9Page - Texas Instruments INA217 Datasheet HTML 10Page - Texas Instruments INA217 Datasheet HTML 11Page - Texas Instruments INA217 Datasheet HTML 12Page - Texas Instruments INA217 Datasheet HTML 13Page - Texas Instruments INA217 Datasheet HTML 14Page - Texas Instruments INA217 Datasheet HTML 15Page - Texas Instruments INA217 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
INA217
V+
V–
V
O
V+
150Ω
10kΩ
150Ω
100µA
100µA
2
1
8
R
G
3
5
7
4
6
V–
OPA237
V+
V–
V
O
2
1
8
3
5
4
6
7
V
IN–
V
IN+
INA217
47Ω
47Ω
1.2µH
1.2µH
INA217
SBOS247C – JUNE 2002 – REVISED NOVEMBER 2015
www.ti.com
Feature Description (continued)
Figure 14. Input Stabilization Network
7.3.5 Offset Voltage Trim
A variable voltage applied to pin 5, as shown in Figure 15, can be used to adjust the output offset voltage. A
voltage applied to pin 5 is summed with the output signal. An operational amplifier connected as a buffer is used
to provide a low impedance at pin 5 to assure good common-mode rejection.
Figure 15. Offset Voltage Adjustment Circuit
7.4 Device Functional Modes
The INA217 has a single functional mode of operation. The mode is operational when the power supply voltage
exceeds ±4.5 V. The maximum power supply voltage is ±18 V. The INA217 is specified over the temperature
range from –40°C to 85°C and is operational to 125°C.
12
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: INA217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com