Electronic Components Datasheet Search
  English  ▼

X  

INA217 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA217
Description  Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA217 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA217 Datasheet HTML 3Page - Texas Instruments INA217 Datasheet HTML 4Page - Texas Instruments INA217 Datasheet HTML 5Page - Texas Instruments INA217 Datasheet HTML 6Page - Texas Instruments INA217 Datasheet HTML 7Page - Texas Instruments INA217 Datasheet HTML 8Page - Texas Instruments INA217 Datasheet HTML 9Page - Texas Instruments INA217 Datasheet HTML 10Page - Texas Instruments INA217 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
INA217
www.ti.com
SBOS247C – JUNE 2002 – REVISED NOVEMBER 2015
Electrical Characteristics: VS = ±15 V (continued)
TA = 25°C, RL = 2 kΩ, VS = ±15 V, unless otherwise noted.
TA = 25°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
OUTPUT
(V+) – 2
(V+) – 1.8
V
Voltage
RL to GND
(V–) + 2
(V–) + 1.8
V
Load Capacitance Stability
1000
pF
Short Circuit Current
Continuous-to-Common
±60
mA
POWER SUPPLY
Rated Voltage
±15
V
Voltage Range
±4.5
±18
V
Current, Quiescent
IO = 0 mA
±10
±12
mA
TEMPERATURE RANGE
Specification
–40
85
°C
Operating
–40
125
°C
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com