Electronic Components Datasheet Search
  English  ▼

X  

INA217 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA217
Description  Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA217 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA217 Datasheet HTML 9Page - Texas Instruments INA217 Datasheet HTML 10Page - Texas Instruments INA217 Datasheet HTML 11Page - Texas Instruments INA217 Datasheet HTML 12Page - Texas Instruments INA217 Datasheet HTML 13Page - Texas Instruments INA217 Datasheet HTML 14Page - Texas Instruments INA217 Datasheet HTML 15Page - Texas Instruments INA217 Datasheet HTML 16Page - Texas Instruments INA217 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
R
5
2.2kΩ
R
6
(2)
8Ω
R
7
(3)
1.6kΩ
A1
INA217
+
47µF
R
3
47kΩ
R
2
6.8kΩ
R
1
6.8kΩ
Phantom Power
+48V
+
+
R
4
2.2kΩ
C
1
(1)
47µF
60V
C
2
(1)
47µF
60V
A2
OPA137
0.1µF
+15V
0.1µF
0.1µF
1MΩ
V
O
–15V
Optional DC
output control loop.
6
7
5
4
1
2
3
Female XLR
Connector
NOTES: (1) Use non-polar capacitors if phantom power is to be
turned off. (2) R
6 sets maximum gain. (3) R7 sets minimum gain.
(4) Optional IN4148 prevents damage due to ESD and hot-plugging.
+15V
–15V
IN4148(4)
+15V
–15V
IN4148(4)
INA217
www.ti.com
SBOS247C – JUNE 2002 – REVISED NOVEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The INA217 is used in professional audio equipment such as professional microphone preamps, moving-coil
transducer amplifiers, differential receivers, and bridge transducer amplifiers.
8.2 Typical Application
Figure 16 shows a typical circuit for a professional microphone input amplifier.
Figure 16. Phantom-Powered Microphone Preamplifier
8.2.1 Design Requirements
•
48-V, Phantom powered, remotely located microphone
•
Circuitry operates from ±15-V power supplies
•
Low distortion and noise over the audio frequency band
•
Gain range from to 20 db to 60 db
8.2.2 Detailed Design Procedure
R1 and R2 provide a current path for conventional 48-V phantom power source for a remotely located
microphone. An optional switch allows phantom power to be disabled. C1 and C2 block the phantom power
voltage from the INA217 input circuitry. Non-polarized capacitors should be used for C1 and C2 if phantom power
is to be disabled. For additional input protection against ESD and hot-plugging, four IN4148 diodes may be
connected from the input to supply lines.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com