Electronic Components Datasheet Search
  English  ▼

X  

INA217 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA217
Description  Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA217 Datasheet(HTML) 1 Page - Texas Instruments

  INA217 Datasheet HTML 1Page - Texas Instruments INA217 Datasheet HTML 2Page - Texas Instruments INA217 Datasheet HTML 3Page - Texas Instruments INA217 Datasheet HTML 4Page - Texas Instruments INA217 Datasheet HTML 5Page - Texas Instruments INA217 Datasheet HTML 6Page - Texas Instruments INA217 Datasheet HTML 7Page - Texas Instruments INA217 Datasheet HTML 8Page - Texas Instruments INA217 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
INA217
SBOS247C – JUNE 2002 – REVISED NOVEMBER 2015
INA217 Low-Noise, Low-Distortion Instrumentation Amplifier Replacement for SSM2017
1 Features
3 Description
The INA217 device is a low-noise, low-distortion,
1
•
Low Noise: 1.3 nV/M
√Hz at 1 kHz
monolithic
instrumentation
amplifier.
Current-
•
Low THD+N: 0.004% at 1 kHz, G = 100
feedback circuitry allows the INA217 device to
•
Wide Bandwidth: 800 kHz at G = 100
achieve wide bandwidth and excellent dynamic
response over a wide range of gain. The INA217
•
Wide Supply Range: ±4.5 V to ±18 V
device is ideal for low-level audio signals such as
•
High CMR: > 100 dB
balanced
low-impedance
microphones.
Many
•
Gain Set With External Resistor
industrial, instrumentation, and medical applications
also benefit from its low noise and wide bandwidth.
•
DIP-8 and SOL-16 Widebody Packages
Unique
distortion
cancellation
circuitry
reduces
2 Applications
distortion to extremely low levels, even in high gain.
The INA217 device provides near-theoretical noise
•
Professional Microphone Preamps
performance for 200-
Ω source impedance. The
•
Moving-coil Transducer Amplifiers
INA217 device features differential input, low noise,
•
Differential Receivers
and low distortion that provides superior performance
•
Bridge Transducer Amplifiers
in professional microphone amplifier applications.
The INA217device features wide supply voltage,
excellent output voltage swing, and high output
current drive, making it an optimal candidate for use
in high-level audio stages.
The INA217 device is available in the same DIP-8
and SOL-16 wide body packages and pinouts as the
SSM2017. For a smaller package, see the INA163
device in SO-14 narrow. The INA217 device is
specified over the temperature range of –40°C to
85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (16)
10.30 mm × 7.50 mm
INA217
PDIP (8)
9.81 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA217 TI-INA217 Datasheet
219Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217 TI-INA217 Datasheet
342Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217 TI2-INA217 Datasheet
1Mb / 25P
INA217 Low-Noise, Low-Distortion Instrumentation Amplifier Replacement for SSM2017
REVISED NOVEMBER 2015
INA217AIDWR TI-INA217AIDWR Datasheet
219Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217AIDWR TI-INA217AIDWR Datasheet
342Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
More results

Similar Description - INA217

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA217 TI-INA217 Datasheet
219Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA166 TI-INA166 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA217 TI-INA217_07 Datasheet
342Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA217 TI-INA217_15 Datasheet
912Kb / 25P
INA217 Low-Noise, Low-Distortion Instrumentation Amplifier Replacement for SSM2017
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com