Electronic Components Datasheet Search
  English  ▼

X  

AS5403A Datasheet(PDF) 7 Page - ams AG

Part # AS5403A
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403A Datasheet(HTML) 7 Page - ams AG

Back Button AS5403A Datasheet HTML 3Page - ams AG AS5403A Datasheet HTML 4Page - ams AG AS5403A Datasheet HTML 5Page - ams AG AS5403A Datasheet HTML 6Page - ams AG AS5403A Datasheet HTML 7Page - ams AG AS5403A Datasheet HTML 8Page - ams AG AS5403A Datasheet HTML 9Page - ams AG AS5403A Datasheet HTML 10Page - ams AG AS5403A Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
ams Datasheet
Page 7
[v1-06] 2015-Aug-28
Document Feedback
AS5403A/D/E − Electrical Characteristics
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Operating
Conditions is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 7:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Comments
VDD
DC supply voltage at pin VDD
-18
18
V
OUT_OV
Voltage at pin OUT and DSW
-0.3
18
V
VREG
DC voltage at VDD3 pin
-0.3
5
V
VDIG
DC voltage at digital input
and output pins
-0.3
5
V
Iscr
Input current
(latchup immunity)
-100
100
mA
AEC-Q100-004
ESD
Electrostatic discharge
± 2
kV
AEC-Q100-002
EEPcyc
EEPROM endurance cycles
100
cycles
A part of EEPROM is reserved for
factory settings. This part is
pre-programmed and locked by
ams.
The customer area of EEPROM can
be programmed up to 100 times at
Tamb=27deg.
EEPROM is intended to be
programmed at 0h only in the
customer production line and shall
not be reprogrammed during
operation in the field.
Tstrg
Storage temperature
-55
150
°C
Min – 67°F; Max 302°F
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com