Electronic Components Datasheet Search
  English  ▼

X  

AS5403A Datasheet(PDF) 14 Page - ams AG

Part # AS5403A
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403A Datasheet(HTML) 14 Page - ams AG

Back Button AS5403A Datasheet HTML 10Page - ams AG AS5403A Datasheet HTML 11Page - ams AG AS5403A Datasheet HTML 12Page - ams AG AS5403A Datasheet HTML 13Page - ams AG AS5403A Datasheet HTML 14Page - ams AG AS5403A Datasheet HTML 15Page - ams AG AS5403A Datasheet HTML 16Page - ams AG AS5403A Datasheet HTML 17Page - ams AG AS5403A Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Electrical Characteristics
SPI Timing
Figure 13:
SPI Timing
Symbol
Parameter
Min
Typ
Max
Unit
Note
TSCLK
SCLK period
250
ns
TSCLKH
SCLK high phase
125
ns
TSCLKL
SCLK low phase
125
ns
TLEAD
SCS lead time
100
ns
TLAG
SCS lag time
100
ns
TSCSL
SCS low phase
2500
ns
TSUPI
SDI input setup time
50
ns
THLDI
SDI input hold time
50
ns
TVALID
SDO output valid time
50
ns
CL = 100pF
THLDO
SDO output hold time
0
ns
CL = 100pF
TACC
SDO output access time
100
ns
CL = 100pF
TDIS
SDO output disable time
50
ns
CL = 100pF
TRISE
SDO output rise time
60
ns
CL = 100pF
TFALL
SDO output fall time
60
ns
CL = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com