Electronic Components Datasheet Search
  English  ▼

X  

AS5403A Datasheet(PDF) 4 Page - ams AG

Part # AS5403A
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403A Datasheet(HTML) 4 Page - ams AG

  AS5403A Datasheet HTML 1Page - ams AG AS5403A Datasheet HTML 2Page - ams AG AS5403A Datasheet HTML 3Page - ams AG AS5403A Datasheet HTML 4Page - ams AG AS5403A Datasheet HTML 5Page - ams AG AS5403A Datasheet HTML 6Page - ams AG AS5403A Datasheet HTML 7Page - ams AG AS5403A Datasheet HTML 8Page - ams AG AS5403A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − General Description
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 4:
AS5403A/D/E Block Diagram
3D Hall pixels:
The AS5403 contains two 3D Hall pixels, spaced 2.5mm apart.
MUX:
The multiplexer pre-selects depending on the AS5403 variant and chosen mode
two/four magnetic components.
ADC:
The Sigma-Delta ADC samples the Hall sensors signals selected by the MUX. The
sampling of the sensors is done sequentially.
Signal conditioning:
This block includes offset and temperature compensation as well as amplitude
matching.
Bi/Bj:
Preparation of the input signal for the ATAN calculation. Inversion and offset
adjustment functions.
ATAN:
Angle calculation.
Linearization:
A 33-point linearization of the ATAN output. In addition output settings for gain an
clamping.
Temperature:
An on-chip temperature sensor is available. It can be read over the SPI interface. This
sensor is also used for signal conditioning
PWM interface:
The linearized measurement data is available over a single pin in the form of a pulse
width modulated (PWM) signal.
SPI interface:
A bi-directional SPI interface allows communication with the chip, including reading
measurement data, E²PROM contents or writing configuration data.
E²PROM:
The on-chip E²PROM contains the configuration data of the chip.
Diagnostics:
Monitor functions on different blocks to check the correctness of the internal signals.
VDD3V
LDO
AS5403
VDD
GND
SCS
SDI
SCLK
SDO
3DHall
Cell
#0
X
Z
X
Z
M
U
X
3DHall
Cell
#1
Bi
Bj
E²PROM
Y
Y
Diagnostics
PWM
DAC
ADC
signal
conditioning
ATAN
(CORDIC)
Linearization
and
Output setting
Temperature
Sensor
SPI
OUT
DSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com