Electronic Components Datasheet Search
  English  ▼

X  

AS5403A Datasheet(PDF) 48 Page - ams AG

Part # AS5403A
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403A Datasheet(HTML) 48 Page - ams AG

Back Button AS5403A Datasheet HTML 44Page - ams AG AS5403A Datasheet HTML 45Page - ams AG AS5403A Datasheet HTML 46Page - ams AG AS5403A Datasheet HTML 47Page - ams AG AS5403A Datasheet HTML 48Page - ams AG AS5403A Datasheet HTML 49Page - ams AG AS5403A Datasheet HTML 50Page - ams AG AS5403A Datasheet HTML 51Page - ams AG AS5403A Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Device Configuration
Register Memory Map
Note(s): Register Memory Map Write 0x0100 hex to register
address 0x2FF (START DSP = 1) before a read of following
registers.
Figure 67:
Register Map
Address (Hex)
Register Location Name
0x2FF
Control DSP
0x300
Error Register 1
0x301
Position 2
0x302
Error Register 2
0x510
Temperature
0x511
Measurement Value 1 (MV 1)
0x512
Measurement Value 2 (MV 2)
0x513
Measurement Value 3 (MV 3)
0x514
Measurement Value 4 (MV 4)
0x520
Magnitude
0x521
Angle (not linearized)
0x522
Angle linearized
0x547
Position 1
0x548
Bi component
0x549
Bj component
0x54B
Bi’ component
0x54C
Bj’ component
0x54D
Bk (unused)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com