Electronic Components Datasheet Search
  English  ▼

X  

AS5403A Datasheet(PDF) 1 Page - ams AG

Part # AS5403A
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403A Datasheet(HTML) 1 Page - ams AG

  AS5403A Datasheet HTML 1Page - ams AG AS5403A Datasheet HTML 2Page - ams AG AS5403A Datasheet HTML 3Page - ams AG AS5403A Datasheet HTML 4Page - ams AG AS5403A Datasheet HTML 5Page - ams AG AS5403A Datasheet HTML 6Page - ams AG AS5403A Datasheet HTML 7Page - ams AG AS5403A Datasheet HTML 8Page - ams AG AS5403A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
ams Datasheet
Page 1
[v1-06] 2015-Aug-28
Document Feedback
AS5403A/D/E
3D Hall Position Sensor for Linear and
Off-Axis Applications
The AS5403 can measure magnetic fields components in all
three dimensions and converts the magnetic field information
into absolute position information.
Only a simple 2-pole magnet is required as the magnetic field
source.
Using two 3D-Hall cells allows absolute (single pixel) as well as
differential (double pixel) 3D magnetic field measurement.
The differential measurement makes the AS5403 ideal for use
in rough automotive position sensing applications that include
not only dust, dirt or moisture but also unwanted magnetic
stray fields.
All the signal conditioning, including compensation of
temperature effects as well as linearization of the output is
included in the IC.
The absolute position information of the magnet is directly
accessible over a SPI interface and a programmable PWM or
analog output. The build in diagnostic functions makes the
AS5403 suitable for safety critical applications.
The AS5403 is available in a 14-pin TSSOP package and is
qualified according AEC-Q100 for an ambient temperature
range from -40°C to 150°C. It operates at a supply voltage of 5V
±10%.
The programming of the AS5403 is done over the single wire
UART interface.
The AS5403 is overvoltage protected up to 18V on the supply
and output pins. In addition the supply pins are reverse polarity
protected up to -18V.
Ordering Information and Content Guide appear at end of
datasheet.
General Description


Similar Part No. - AS5403A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5410 AMSCO-AS5410 Datasheet
610Kb / 56P
3D-Hall Absolute Linear Position Sensor
AS5410-ZTSM AMSCO-AS5410-ZTSM Datasheet
610Kb / 56P
3D-Hall Absolute Linear Position Sensor
AS5410-ZTST AMSCO-AS5410-ZTST Datasheet
610Kb / 56P
3D-Hall Absolute Linear Position Sensor
More results

Similar Description - AS5403A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5305 AMSCO-AS5305 Datasheet
442Kb / 2P
Integrated Hall IC for Linear and Off-Axis Rotary Motion Detection
AS5304 AMSCO-AS5304 Datasheet
479Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
STMicroelectronics
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
19-Jul-2011
logo
List of Unclassifed Man...
AS5304A-ATSU ETC1-AS5304A-ATSU Datasheet
466Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
ams AG
AS5410 AMSCO-AS5410 Datasheet
610Kb / 56P
3D-Hall Absolute Linear Position Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
Position Programmable Linear Hall Effect Sensor
logo
Vishay Siliconix
20LHE VISHAY-20LHE Datasheet
381Kb / 4P
Linear Position Sensor in Hall Effect Technology
27-Mar-15
logo
IC-Haus GmbH
IC-PVL ICHAUS-IC-PVL Datasheet
1Mb / 33P
LINEAR/OFF-AXIS BATTERY-BUFFERED HALL MULTITURN ENCODER
logo
ams AG
AS5304 AMSCO-AS5304_V02 Datasheet
507Kb / 31P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
2017-May-03
logo
List of Unclassifed Man...
49E ETC2-49E Datasheet
512Kb / 4P
49E Hall-Effect Linear Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com