Electronic Components Datasheet Search
  English  ▼

X  

AS5410 Datasheet(PDF) 10 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 10 Page - ams AG

Back Button AS5410 Datasheet HTML 6Page - ams AG AS5410 Datasheet HTML 7Page - ams AG AS5410 Datasheet HTML 8Page - ams AG AS5410 Datasheet HTML 9Page - ams AG AS5410 Datasheet HTML 10Page - ams AG AS5410 Datasheet HTML 11Page - ams AG AS5410 Datasheet HTML 12Page - ams AG AS5410 Datasheet HTML 13Page - ams AG AS5410 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Page 10
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Electrical Characteristics
Power On Reset
Operating conditions: operating temperature = -40°C to 105°C
Figure 11:
Power On Reset
RESET_N
The RESET_N pin can work as an output to monitor the internal
power on reset signal (see Figure 12).
The RESET_N can also work as an input and trigger an internal
reset. While power on cycle is not finished, communication is
not allowed until the READY pin is high.
Figure 12:
Power On Reset
Symbol
Parameter
Min
Typ
Max
Unit
Note
VON
Reset threshold; VDD level rising
1.4
2.38
2.97
V
VOFF
Reset threshold; VDD level falling
1.18
2.2
2.79
V
Tpwrmin
Minimum reset pulse duration
1.8
7.1
μs
Power On
Reset
Digital
Block
10kO
PWRN
RESN
RESET_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com