Electronic Components Datasheet Search
  English  ▼

X  

AS5410 Datasheet(PDF) 31 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 31 Page - ams AG

Back Button AS5410 Datasheet HTML 27Page - ams AG AS5410 Datasheet HTML 28Page - ams AG AS5410 Datasheet HTML 29Page - ams AG AS5410 Datasheet HTML 30Page - ams AG AS5410 Datasheet HTML 31Page - ams AG AS5410 Datasheet HTML 32Page - ams AG AS5410 Datasheet HTML 33Page - ams AG AS5410 Datasheet HTML 34Page - ams AG AS5410 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
ams Datasheet
Page 31
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Register Description
Register 0110h
On-chip temperature sensor
Figure 38:
Register 0110h
Register
Access
Bit
Function
Note
0110h:
Temperature
R
D15 (MSB)
T15
On-chip temperature sensor
Temperature [°C] = (Register 0110h / 200) + 25
D14
14
D13
T13
D12
T12
D11
T11
D10
T10
D9
T9
D8
T8
D7
T7
D6
T6
D5
T5
D4
T4
D3
T3
D2
T2
D1
T1
D0 (LSB)
T0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com