Electronic Components Datasheet Search
  English  ▼

X  

AS5410 Datasheet(PDF) 15 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 15 Page - ams AG

Back Button AS5410 Datasheet HTML 11Page - ams AG AS5410 Datasheet HTML 12Page - ams AG AS5410 Datasheet HTML 13Page - ams AG AS5410 Datasheet HTML 14Page - ams AG AS5410 Datasheet HTML 15Page - ams AG AS5410 Datasheet HTML 16Page - ams AG AS5410 Datasheet HTML 17Page - ams AG AS5410 Datasheet HTML 18Page - ams AG AS5410 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
ams Datasheet
Page 15
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Detailed Description
Data Transfer Between AS5410 and
Microcontroller
Data is transferred to the AS5410 via the MOSI pin
(Master Out – Slave In) with the rising edge of SCK.
Data is read from the AS5410 from the MISO pin (Master In –
Slave Out) with the rising edge of SCK.
The data format consists of data streams with 32 bit in length.
The first 16 bits define a 16-bit address and the subsequent 16
bits contain read or write data.
The MSB of the address word A<15> defines the direction of
data transfer:
A<15> = 0 READ; data transfer from AS5410 to microcontroller;
read measurement data
A<15> = 1 WRITE; data transfer from microcontroller to AS5410;
write configuration data
Figure 17:
Data Transfer Between AS5410 and Microcontroller
Read Mode
For reading a register, the 16-bit Read address (with A<15>=0)
is sent to the MOSI pin. After 16 SCK cycles, data of the specified
address is read from the MISO pin (see Figure 17). At the same
time, the new address may be clocked into the MOSI pin.
MISO
„0" + 15-bit
address
Data 1
Data 2
MOSI
MISO
Read mode
„0" + 15-bit
address
„0" + 15-bit
address
„1" + 15-bit
address
Previous
Command
Write mode & readback
Data 1
„1" + 15-bit
address
Previous
Command
Data 2
Data 1
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com