Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP30 Datasheet(PDF) 67 Page - ams AG

Part # TDC-GP30
Description  Ultrasonic-Flow-Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP30 Datasheet(HTML) 67 Page - ams AG

Back Button TDC-GP30 Datasheet HTML 63Page - ams AG TDC-GP30 Datasheet HTML 64Page - ams AG TDC-GP30 Datasheet HTML 65Page - ams AG TDC-GP30 Datasheet HTML 66Page - ams AG TDC-GP30 Datasheet HTML 67Page - ams AG TDC-GP30 Datasheet HTML 68Page - ams AG TDC-GP30 Datasheet HTML 69Page - ams AG TDC-GP30 Datasheet HTML 70Page - ams AG TDC-GP30 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
Ultrasonic Flow Converter
Vol. 1
TDC-GP30
7-18
www.acam.de
DB_GP30Y_Vol1_en.docx V0.0
Bit
Description
Format
Reset
2:
divided by 3
….
127:
divided by 128
7.3.11
CR_USM_TOF (Ultrasonic Measurement Time of Flight)
0x0CA
Bit
Description
Format
Reset
31:16
Not used
15:14
TOF_EDGE_MODE: Time of Flight, Edge Mode
00: Time measurement on positive edge of TOF Hit
01: Time measurement on negative edge of TOF Hit
10: Edge for TOF hit toggling after every measurement cycle
11: Edge for TOF hit toggling after every 2. measurement cycle
BIT2
b00
13
TOF_HITS_TO_FDB: TOF Hits stored to frontend data buffer
0: Only TOF sum of all values is stored to Frontend Data Buffer
1: TOF sum of all values and the first 8 TOF values are stored to
Frontend Data Buffer
BIT
0
12:8
TOF_HIT_NO: Number of TOF hits taken for TDC measurement
0:
1 Hit
1:
1 Hit
2:
2 Hits
….
31:
31 Hits
UINT
[4:0]
0
7:6
TOF_HIT_IGN: Number of hits ignored between two TOF hits taken for TDC
measurement
00:
0 Hits
01:
1 Hit
10:
2 Hits
11:
3 Hits
BIT2
b00
5:1
TOF_START_HIT_NO: Defines number of detected hits, which is the
starting TOF hit for TDC measurement
0:
1. Hit
(not recommended)
1:
2. Hit
(not recommended)
2:
3. Hit
….
31:
32. Hit
1. and 2. hit not recommended, because switching from First Wave Level to
Zero Cross Level is first stable with 3. hit
UINT
[4:0]
0
0
TOF_START_HIT_MODE: Selects mode for TOF start hit
0: Start hit for TOF measurement defined by TOF_START_HIT_NO
1: Start hit for TOF measurement defined by TOF_START_HIT_DLY
BIT
0
7.3.12
CR_USM_AM (Ultrasonic Measurement Amplitude Measurement)
0x0CB
Bit
Description
Format
Reset
31:16
Not used
15
PWD_EN: Enables pulse width detection
0:
Pulse width detection disabled
BIT
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com