Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP30 Datasheet(PDF) 74 Page - ams AG

Part # TDC-GP30
Description  Ultrasonic-Flow-Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP30 Datasheet(HTML) 74 Page - ams AG

Back Button TDC-GP30 Datasheet HTML 70Page - ams AG TDC-GP30 Datasheet HTML 71Page - ams AG TDC-GP30 Datasheet HTML 72Page - ams AG TDC-GP30 Datasheet HTML 73Page - ams AG TDC-GP30 Datasheet HTML 74Page - ams AG TDC-GP30 Datasheet HTML 75Page - ams AG TDC-GP30 Datasheet HTML 76Page - ams AG TDC-GP30 Datasheet HTML 77Page - ams AG TDC-GP30 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
TDC-GP30 Vol. 1
DB_GP30Y_Vol1_en.docx V0.0
www.acam.de
7-25
Bit
Description
Format
Reset
13:12
FWD1_MODE: Firmware Data 1 Mode
00:
No Change of FWD1_MODE state
(WO)
01:
FWD1 Read disabled when GP30 will be protected
10:
FWD1 Read enabled when GP30 will be protected
11:
No Change of FWD1_MODE state
(WO)
RB
b01
11:10
BG_MODE: Bandgap Mode
00:
No Change of BG_MODE state
(WO)
01:
Bandgap controlled as configured
10:
Bandgap always on
11:
No Change of BG_MODE state
(WO)
RB
b01
9:8
HSO_MODE: High Speed Oscillator Mode
00:
No Change of HSO_MODE state
(WO)
01:
HSO controlled as configured
10:
HSO always on
11:
No Change of HSO_MODE state
(WO)
RB
b01
7:6
DBG_EN: Debug Enable
00:
No Change of DBG_EN state
(WO)
01:
Debug Mode disabled
10:
Debug Mode enabled
11:
No Change of DBG_EN state
(WO)
RB
b01
5:4
UART_CRC_MODE: UART CRC Mode
00:
No Change of UART_CRC_MODE state
(WO)
01:
UART_CRC_MODE default
10:
UART_CRC_MODE as configured
11:
No Change of DBG_EN state
(WO)
RB
b01
3:2
HS_CLK_SEL: High Speed Clock Select
00:
No Change of HS_CLK_SEL state
(WO)
01:
If 4 MHz clock source, has to be initially configured after reset
10:
If 8 MHz clock source
11:
No Change of HS_CLK_SEL state
(WO)
RB
b10
1:0
CFG_OK: GP30 Configuration OK
00:
No Change of CFG_OK state
(WO)
01:
GP30 not properly configured
10:
GP30 properly configured
11:
No Change of CFG_OK state
(WO)
RB
b01
7.4.14
SHR_FW_TRANS_EN (Firmware Transaction Enable)
0x0DF
Bit
Description
Format
Reset
31:0
FW_TRANS_EN: Firmware Transaction Enable
Code to enable transactions of firmware into NVRAMs: h50F5_B8CA
Write only register
Status of this register can be checked in FW_TRANS_EN in register
BIT32
hAF0A
_7435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com