Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP30 Datasheet(PDF) 13 Page - ams AG

Part # TDC-GP30
Description  Ultrasonic-Flow-Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP30 Datasheet(HTML) 13 Page - ams AG

Back Button TDC-GP30 Datasheet HTML 9Page - ams AG TDC-GP30 Datasheet HTML 10Page - ams AG TDC-GP30 Datasheet HTML 11Page - ams AG TDC-GP30 Datasheet HTML 12Page - ams AG TDC-GP30 Datasheet HTML 13Page - ams AG TDC-GP30 Datasheet HTML 14Page - ams AG TDC-GP30 Datasheet HTML 15Page - ams AG TDC-GP30 Datasheet HTML 16Page - ams AG TDC-GP30 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
Ultrasonic Flow Converter
Vol. 1
TDC-GP30
2-4
www.acam.de
DB_GP30Y_Vol1_en.docx V0.0
2.2
Timings
At Vcc = 3.0 V ± 0.3 V, ambient temperature -40 °C to +85 °C unless otherwise specified
2.2.1
Oscillators
Table 2-9 Oscillator specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
LSO_CLK
32 kHz reference oscillator
32.768
kHz
STLSO
32 kHz oscillator start-up time after power-up
< 1
Sec.
HSO_CLK
High-speed reference oscillator
2
4
8
MHz
STHSO_CER
Oscillator start-up time with ceramic resonator
<100
µs
STHSO_CRY
Oscillator start-up time with crystal oscillator
(not recommended)
3
ms
Remark:
It is strongly recommended that a ceramic oscillator be used for HSO_CLK because a quartz oscillator needs
much longer time to settle than a ceramic oscillator. This consumes a lot of current, but using a quartz oscillator
has no advantage when high speed clock calibration is done as supported by GP30.
2.2.2
Power-On
Table 2-10 Power-on timings
Symbol
Parameter
Min.
Typ.
Max.
Unit
tVDD18_STB
Time when VDD18 is stable after power on of VCC
(CL=100µF on VDD18_OUT)
20
ms
tRC_RLS
Time when remote communication is released after power
on of VCC
27
t.b.d.
ms
2.2.3
UART Interface
Table 2-11UART timings
Symbol
Parameter
Min.
Typ.
Max.
Unit
Baud rate
Baud rate
4800
115200
bps
tBIT
Bit time (baud rate = 4800 Baud)
208.33
µs
Bit time (Baudrate = 115200 Baud)
8.68
µs
tIBG
Inter-Byte Gap
1
50
tBIT
Figure 2-1 UART timing
ST
B0
B1
B2
B3
B4
B5
B6
B7
SP
ST
tIBG
tBIT
2.2.4
SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com