Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP30 Datasheet(PDF) 39 Page - ams AG

Part # TDC-GP30
Description  Ultrasonic-Flow-Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP30 Datasheet(HTML) 39 Page - ams AG

Back Button TDC-GP30 Datasheet HTML 35Page - ams AG TDC-GP30 Datasheet HTML 36Page - ams AG TDC-GP30 Datasheet HTML 37Page - ams AG TDC-GP30 Datasheet HTML 38Page - ams AG TDC-GP30 Datasheet HTML 39Page - ams AG TDC-GP30 Datasheet HTML 40Page - ams AG TDC-GP30 Datasheet HTML 41Page - ams AG TDC-GP30 Datasheet HTML 42Page - ams AG TDC-GP30 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
Ultrasonic Flow Converter
Vol. 1
TDC-GP30
5-2
www.acam.de
DB_GP30Y_Vol1_en.docx V0.0
Wrong CRC (cyclic redundancy check)
Collision handling
Unknown commands
Inter-byte gap too large
Wrong start or stop bit
UART Messaging Mode
The UART can be configured to operate in a messaging mode, transferri ng measurement results,
triggered by measure cycle or by firmware decision. Optionally a wakeup byte can be send before a
message is transferred.
UART Baud Rates
The GP30 is able to operate with a low baud rate (4,800 baud) or one of 4 different high baud rates
of up to 115,200.
The baud rate can be changed with the baud rate command by the remote control. Before changing
to a new baud rate, the remote control first has to receive an acknowledge message from the GP30
with the current baud rate.
A low baud rate is typically used for
Initial communication
A high baud rate is typically used for
Programming firmware code & data to GP30
Messaging measurement results in flow meter mode
The baud rate generation in GP30 can be derived from low speed clock LSO (32.768 kHz) or high
speed clock HSO (4 MHz).
For baud rates which are derived from HSO, this clock has to be activated by writing 0b10 to
HSO_MODE in SHR_RC register before starting remote communication with new baud rate. For
messaging mode the baud rate can be separately configured to operate in a high baud rate.
Baud Rate
Command
32.768 kHz
4 MHz
Baud Rate
Low Baud Rate
RC_BRC_LOW
supported
supported
4800
High Baud Rate
RC_BRC_H00
not
supported
19200
RC_BRC_H01
38400
RC_BRC_H10
57600
RC_BRC_H11
115200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com