Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP30 Datasheet(PDF) 49 Page - ams AG

Part # TDC-GP30
Description  Ultrasonic-Flow-Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP30 Datasheet(HTML) 49 Page - ams AG

Back Button TDC-GP30 Datasheet HTML 45Page - ams AG TDC-GP30 Datasheet HTML 46Page - ams AG TDC-GP30 Datasheet HTML 47Page - ams AG TDC-GP30 Datasheet HTML 48Page - ams AG TDC-GP30 Datasheet HTML 49Page - ams AG TDC-GP30 Datasheet HTML 50Page - ams AG TDC-GP30 Datasheet HTML 51Page - ams AG TDC-GP30 Datasheet HTML 52Page - ams AG TDC-GP30 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
Ultrasonic Flow Converter
Vol. 1
TDC-GP30
6-4
www.acam.de
DB_GP30Y_Vol1_en.docx V0.0
6.2
EEPROM Interface
The EEPROM interface for an external memory extension (e.g. for backup purpose) is a separate,
independent unit, integrated in the GPIO unit, which can be controlled by firmware of the integrated
CPU.
The EEPROM interface is a master interface suited for a single two-wire connection to an I2C
compatible EEPROM in fast mode (400 k). It does not support I2C spike suppression or output slope
control.
E2P_SCL:
Serial clock line
E2P_SDA:
Serial data line (bidirectional)
The assignment of E2P signal lines to GPIOs can be configured by E2P_MODE in CR_PI_E2P as
follows:
E2P_MODE
00
01
10
11
GPIO0
*)
E2P_SCL
*)
*)
GPIO1
E2P_SDA
*)
*)
GPIO2
*)
E2P_SCL
*)
GPIO3
*)
E2P_SDA
*)
GPIO4
*)
GPIO5
*)
*)
E2P_SCL
GPIO6
*)
*)
E2P_SDA
*) as configured by GPx_DIR & GPx_SEL (see above)
A 7-bit slave address of external EEPROM can be configured by E2P_ADR in CR_PI_E2P. With
E2P_PU_EN in CR_PI_E2P internal pullup resistors can connected to both EEPROM signal lines.
The general FW library of GP30 provide subroutines for EEPROM communication. For more details,
please refer to DB_GP30Y_Firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com