Electronic Components Datasheet Search
  English  ▼

X  

TL431ACDBVR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACDBVR
Description  Precision Programmable Reference
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431ACDBVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL431ACDBVR Datasheet HTML 12Page - Texas Instruments TL431ACDBVR Datasheet HTML 13Page - Texas Instruments TL431ACDBVR Datasheet HTML 14Page - Texas Instruments TL431ACDBVR Datasheet HTML 15Page - Texas Instruments TL431ACDBVR Datasheet HTML 16Page - Texas Instruments TL431ACDBVR Datasheet HTML 17Page - Texas Instruments TL431ACDBVR Datasheet HTML 18Page - Texas Instruments TL431ACDBVR Datasheet HTML 19Page - Texas Instruments TL431ACDBVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
150 Ω
IKA
R1 = 10 kΩ
R2
CL
VBATT
IKA
CL
VBATT
150 Ω
TEST CIRCUIT FOR CURVE A
TEST CIRCUIT FOR CURVES B, C, AND D
+
−
+
−
50
40
10
0
0.001
0.01
0.1
1
70
90
100
10
30
80
60
20
TA = 25°C
B
Stable
Stable
A V KA = Vref
B VKA = 5 V
C VKA = 10 V
D VKA = 15 Vf
CL − Load Capacitance − µF
A
C
D
3
2
1
0
−1
0
1
2
3
4
4
5
6
5
6
7
Input
Output
TA = 25°C
t − Time − µs
220 Ω
50 Ω
GND
Output
Pulse
Generator
f = 100 kHz
0.1
1 k
10 k
100 k
1 M
10 M
1
f − Frequency − Hz
10
100
IKA = 10 mA
TA = 25°C
1 kΩ
50 Ω
GND
Output
IKA
+
−
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
Figure 13. Test Circuit for Reference Impedance
Figure 12. Reference Impedance vs Frequency
Figure 15. Test Circuit for Pulse Response
Figure 14. Pulse Response
The areas under the curves represent conditions that may cause the
device to oscillate. For curves B, C, and D, R2 and V+ are adjusted
to establish the initial VKA and IKA conditions, with CL = 0. VBATT and
CL then are adjusted to determine the ranges of stability.
Figure 16. Stability Boundary Conditions for All TL431 and
TL431A Devices
Figure 17. Test Circuits for Stability Boundary Conditions
(Except for SOT23-3, SC-70, and Q-Temp Devices)
16
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com