Electronic Components Datasheet Search
  English  ▼

X  

TL431ACDBVR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACDBVR
Description  Precision Programmable Reference
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431ACDBVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TL431ACDBVR Datasheet HTML 19Page - Texas Instruments TL431ACDBVR Datasheet HTML 20Page - Texas Instruments TL431ACDBVR Datasheet HTML 21Page - Texas Instruments TL431ACDBVR Datasheet HTML 22Page - Texas Instruments TL431ACDBVR Datasheet HTML 23Page - Texas Instruments TL431ACDBVR Datasheet HTML 24Page - Texas Instruments TL431ACDBVR Datasheet HTML 25Page - Texas Instruments TL431ACDBVR Datasheet HTML 26Page - Texas Instruments TL431ACDBVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
Time (s)
-0.001
-0.0006
-0.0002
0.0002
0.0006
0.001
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
D001
Vin
Vka(Rsup=10k:)
Vka(Rsup=1k:)
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
10.2.1.2.2
Output Voltage and Logic Input Level
In order for TL431 to properly be used as a comparator, the logic output must be readable by the receiving logic
device. This is accomplished by knowing the input high and low level threshold voltage levels, typically denoted
by VIH & VIL.
As seen in Figure 26, TL431's output low level voltage in open-loop/comparator mode is ~2 V, which is typically
sufficient for 5V supplied logic. However, would not work for 3.3 V & 1.8 V supplied logic. In order to accomodate
this a resistive divider can be tied to the output to attenuate the output voltage to a voltage legible to the
receiving low voltage logic device.
TL431's output high voltage is equal to VSUP due to TL431 being open-collector. If VSUP is much higher than the
receiving logic's maximum input voltage tolerance, the output must be attenuated to accomadate the outgoing
logic's reliability.
When using a resistive divider on the output, be sure to make the sum of the resistive divider (R1 & R2 in
Figure 25) is much greater than RSUP in order to not interfere with TL431's ability to pull close to VSUP when
turning off.
10.2.1.2.2.1
Input Resistance
TL431 requires an input resistance in this application in order to source the reference current (IREF) needed from
this device to be in the proper operating regions while turing on. The actual voltage seen at the ref pin will be
VREF=VIN-IREF*RIN. Since IREF can be as high as 4 µA it is recommended to use a resistance small enough that
will mitigate the error that IREF creates from VIN.
10.2.1.3 Application Curves
Figure 26. Output Response With Various Cathode Currents
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com