Electronic Components Datasheet Search
  English  ▼

X  

TL431ACDBVR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACDBVR
Description  Precision Programmable Reference
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431ACDBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL431ACDBVR Datasheet HTML 15Page - Texas Instruments TL431ACDBVR Datasheet HTML 16Page - Texas Instruments TL431ACDBVR Datasheet HTML 17Page - Texas Instruments TL431ACDBVR Datasheet HTML 18Page - Texas Instruments TL431ACDBVR Datasheet HTML 19Page - Texas Instruments TL431ACDBVR Datasheet HTML 20Page - Texas Instruments TL431ACDBVR Datasheet HTML 21Page - Texas Instruments TL431ACDBVR Datasheet HTML 22Page - Texas Instruments TL431ACDBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
ANODE
REF
CATHODE
2.4 kΩ
7.2 kΩ
3.28 kΩ
20 pF
4 kΩ
1 kΩ
800 Ω
800 Ω
800 Ω
20 pF
150 Ω
10 kΩ
CATHODE
REF
ANODE
+
_
Vref
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
9 Detailed Description
9.1 Overview
This standard device has proven ubiquity and versatility across a wide range of applications, ranging from power
to signal path. This is due to it's key components containing an accurate voltage reference & opamp, which are
very fundamental analog building blocks. TL43xx is used in conjunction with it's key components to behave as a
single voltage reference, error amplifier, voltage clamp or comparator with integrated reference.
TL43xx can be operated and adjusted to cathode voltages from 2.5V to 36V, making this part optimum for a wide
range of end equipments in industrial, auto, telecom & computing. In order for this device to behave as a shunt
regulator or error amplifier, >1mA (Imin(max)) must be supplied in to the cathode pin. Under this condition,
feedback can be applied from the Cathode and Ref pins to create a replica of the internal reference voltage.
Various reference voltage options can be purchased with initial tolerances (at 25°C) of 0.5%, 1%, and 2%. These
reference options are denoted by B (0.5%), A (1.0%) and blank (2.0%) after the TL431 or TL432. TL431 & TL432
are both functionaly, but have separate pinout options.
The TL43xxC devices are characterized for operation from 0°C to 70°C, the TL43xxI devices are characterized
for operation from –40°C to 85°C, and the TL43xxQ devices are characterized for operation from –40°C to
125°C.
9.2 Functional Block Diagram
Figure 23. Equivalent Schematic
Figure 24. Detailed Schematic
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com