Electronic Components Datasheet Search
  English  ▼

X  

TL431ACDBVR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACDBVR
Description  Precision Programmable Reference
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431ACDBVR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TL431ACDBVR Datasheet HTML 24Page - Texas Instruments TL431ACDBVR Datasheet HTML 25Page - Texas Instruments TL431ACDBVR Datasheet HTML 26Page - Texas Instruments TL431ACDBVR Datasheet HTML 27Page - Texas Instruments TL431ACDBVR Datasheet HTML 28Page - Texas Instruments TL431ACDBVR Datasheet HTML 29Page - Texas Instruments TL431ACDBVR Datasheet HTML 30Page - Texas Instruments TL431ACDBVR Datasheet HTML 31Page - Texas Instruments TL431ACDBVR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
TL431
IO
RCL
0.1%
R1
VI(BATT)
Iout
V
ref
R
CL
I
KA
R1
V
I(BATT)
I
O
h
FE
I
KA
+
+
=
=
TL431
650 Ω
2 kΩ
C
On
Off
R
12 V
n
ref
12 V
Delay = R × C × I
12 V – V
æ
ö
ç
÷
ç
÷
è
ø
TL431
VI(BATT)
R3
(see Note A)
R1A
R4
(see Note A)
R2B
R2A
R1B
Low Limit = 1 + R1B
R2B
V
ref
High Limit = 1 + R1A
R2A
V
ref
LED on When Low Limit < VI(BATT) < High Limit
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
www.ti.com
System Examples (continued)
A.
Select R3 and R4 to provide the desired LED intensity and cathode current
≥1 mA to the TL431 at the available
VI(BATT).
Figure 36. Voltage Monitor
Figure 37. Delay Timer
Figure 38. Precision Current Limiter
28
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com