Electronic Components Datasheet Search
  English  ▼

X  

TL431ACDBVR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACDBVR
Description  Precision Programmable Reference
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431ACDBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL431ACDBVR Datasheet HTML 10Page - Texas Instruments TL431ACDBVR Datasheet HTML 11Page - Texas Instruments TL431ACDBVR Datasheet HTML 12Page - Texas Instruments TL431ACDBVR Datasheet HTML 13Page - Texas Instruments TL431ACDBVR Datasheet HTML 14Page - Texas Instruments TL431ACDBVR Datasheet HTML 15Page - Texas Instruments TL431ACDBVR Datasheet HTML 16Page - Texas Instruments TL431ACDBVR Datasheet HTML 17Page - Texas Instruments TL431ACDBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
1.5
1
0.5
0
−75
−25
0
50
2
2.5
100
125
−50
25
75
TA − Free-Air Temperature − °C
VKA = 36 V
Vref = 0
16
−1.15
−1.25
−1.35
−1.45
−1.05
− 0.95
− 0.85
TA − Free-Air Temperature − °C
−75
−25
0
50
100
125
−50
25
75
VKA = 3 V to 36 V
16
400
200
0
−200
−1
0
1
600
800
2
3
VKA = Vref
TA = 25°C
VKA − Cathode Voltage − V
Imin
25
0
−50
−75
−100
125
−25
−2
−1
0
1
75
50
100
150
2
3
VKA − Cathode Voltage − V
VKA = Vref
TA = 25°C
2500
2480
2420
2400
−75
−50
−25
0
25
50
75
2540
2580
2600
100
125
2460
2560
2520
2440
TA − Free-Air Temperature − °C
Vref = 2495 mV
Vref = 2440 mV
VKA = Vref
IKA = 10 mA
Vref = 2550 mV
3
2
1
0
−75
−25
0
50
4
5
100
125
−50
25
75
TA − Free-Air Temperature − °C
R1 = 10 kΩ
R2 =∞
IKA = 10 mA
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
www.ti.com
7.14 Typical Characteristics
Data at high and low temperatures are applicable only within the recommended operating free-air temperature
ranges of the various devices.
Figure 2. Reference Current vs Free-Air Temperature
Figure 1. Reference Voltage vs Free-Air Temperature
Figure 3. Cathode Current vs Cathode Voltage
Figure 4. Cathode Current vs Cathode Voltage
Figure 5. Off-State Cathode Current
Figure 6. Ratio of Delta Reference Voltage to Delta Cathode
Voltage vs Free-Air Temperature
vs Free-Air Temperature
14
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com