Electronic Components Datasheet Search
  English  ▼

X  

AP3776B Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3776B
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776B Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3776B Datasheet HTML 2Page - Diodes Incorporated AP3776B Datasheet HTML 3Page - Diodes Incorporated AP3776B Datasheet HTML 4Page - Diodes Incorporated AP3776B Datasheet HTML 5Page - Diodes Incorporated AP3776B Datasheet HTML 6Page - Diodes Incorporated AP3776B Datasheet HTML 7Page - Diodes Incorporated AP3776B Datasheet HTML 8Page - Diodes Incorporated AP3776B Datasheet HTML 9Page - Diodes Incorporated AP3776B Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AP3776B
Document number: DS36737 Rev. 6 - 2
6 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3776B
Electrical Characteristics (Cont. @TA = +25°C, VCC = 15V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CABLE COMPENSATION SECTION
FB _CABLE/VFB %
Cable Compensation Voltage
–
2
3
4
%
DRIVE OUTPUT SECTION
VGATE_CLAMP
Gate Clamp Voltage
VCC = 20V, CL = 1nF
–
14
16
V
ISOURCE
Source Current
–
55
67
80
mA
ISINK
Sink Current
–
400
500
600
mA
tOFF(MAX)
Maximum Off Time
–
15
19
30
ms
DYNAMIC FUNCTION SECTION
tD
Delay Time for Dynamic Function
–
100
140
220
µs
VTRIGGER
Trigger Voltage for Dynamic Function
–
60
100
120
mV
PROTECTION SECTION
tonp(MAX)
Maximum On Time of Primary Side
–
16
25
40
µs
VFB(OVP)
Over Voltage Protection
–
6.5
7.5
8.5
V
VFB(SCP)
Short Circuit Protection
–
2.38
2.50
2.62
V
–
Over Temperature Protection (Note 8)
Junction Temperature
+110
+130
+150
ºC
–
Temperature Hysteresis (Note 8)
–
–
+20
–
ºC
Notes:
5. VCS is an equivalent parameter tested in closed loop to ensure the precise constant current.
6. The minimum power switch turn on time.
7. Line compensation voltage on CS pin:
8. Guaranteed by design.
5
m
17
16
17
PRI
AUX
DC
_
IN
CS
R
g
R
R
R
N
N
V
V
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com