Electronic Components Datasheet Search
  English  ▼

X  

AP3776B Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3776B
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776B Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3776B Datasheet HTML 6Page - Diodes Incorporated AP3776B Datasheet HTML 7Page - Diodes Incorporated AP3776B Datasheet HTML 8Page - Diodes Incorporated AP3776B Datasheet HTML 9Page - Diodes Incorporated AP3776B Datasheet HTML 10Page - Diodes Incorporated AP3776B Datasheet HTML 11Page - Diodes Incorporated AP3776B Datasheet HTML 12Page - Diodes Incorporated AP3776B Datasheet HTML 13Page - Diodes Incorporated AP3776B Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AP3776B
Document number: DS36737 Rev. 6 - 2
10 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3776B
Function Description (Cont.)
0V
Tons
Tsample
Figure 3. Auxiliary Voltage Waveform
The voltage detection point is at 2/3 of the D1 on-time. The voltage detection point is changed with the different primary peak current. The CV
loop control function of AP3776B then generates a D1 off-time to regulate the output voltage.
Constant Current Operation
The AP3776B can work in constant-current (CC) mode. Figure 2 shows the secondary current waveforms.
In CC operation mode, the CC control loop of AP3776B will keep a fixed proportion between D1 on-time Tons and D1 off-time Toffs. The fixed
proportion is
4
4
Toffs
Tons
(6)
The relationship between the output current and secondary peak current IPKS is given by:
Toffs
Tons
Tons
I
I
PKS
OUT
2
1
(7)
As to tight coupled primary and secondary winding, the secondary peak current is
PK
S
P
PKS
I
N
N
I
(8)
Thus the output constant-current is given by:
PK
S
P
PK
S
P
OUT
I
N
N
Toffs
Tons
Tons
I
N
N
I
8
2
2
1
(9)
Therefore, AP3776B can realize CC mode operation by constant primary peak current and fixed diode conduction duty cycle.
Multiple Segment Constant Peak Current
As to the original PFM PSR system, the switching frequency decreases with output current decreasing, which will encounter audible noise issue
since switching frequency decrease to audio frequency range, about less than 20kHz.
In order to avoid audible noise issue, AP3776B uses 3-segment constant primary peak current control method. At constant voltage mode, the
current sense threshold voltage is multiple segments with different loading, as shown in Figure 4, which are VCS_H for high load, VCS_M for
medium load and VCS_L for light load. At constant current mode, the peak current is still VCS_H. As to no load and ultra light load condition (LL
mode), the current reference is also VCS_L. But the LL mode operating is different, which will be described in next section.
It can be seen from the following Figure 4 that with multiple segment peak current control, AP3776B power system can keep switching
frequency above 24kHz from light load to heavy load and guarantee the audible noise free performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com