Electronic Components Datasheet Search
  English  ▼

X  

AP3776B Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3776B
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776B Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3776B Datasheet HTML 7Page - Diodes Incorporated AP3776B Datasheet HTML 8Page - Diodes Incorporated AP3776B Datasheet HTML 9Page - Diodes Incorporated AP3776B Datasheet HTML 10Page - Diodes Incorporated AP3776B Datasheet HTML 11Page - Diodes Incorporated AP3776B Datasheet HTML 12Page - Diodes Incorporated AP3776B Datasheet HTML 13Page - Diodes Incorporated AP3776B Datasheet HTML 14Page - Diodes Incorporated AP3776B Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP3776B
Document number: DS36737 Rev. 6 - 2
11 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3776B
Function Description (Cont.)
Iomax
VCS_L
VCS_M
VCS_H
Light-load
Medium-load
High-load
VCSREF
Iomax
fsw
24kHz
60kHz
LL mode
Figure 4. Multiple Segment Peak Current at CV Mode
3.
The LL Mode Operating (Typical Application with APR343)
At no load and light load, the AP3776B works in Low Light mode (LL mode) and the output voltage is detected by APR343. In order to achieve
ultra low standby power in LL mode, the static current (ICC_NL) of the AP3776B is reduced from 280μA to 100μA.
• The conditions of exiting LL mode---VCPC>65mV or tOFF<tDELAY+30μs
• The conditions of entering LL mode---VCPC<33mV and tOFF≥tDELAY+30μs
In LL mode, when the APR343 detects the output voltage is lower than its trigger voltage, the APR343 VDET pin emits a periodical pulse
current. This pulse current will generate a pulse voltage on feedback winding through the transformer coupling. When the AP3776B detects this
VPULSE (>100mV is valid), primary switch immediately turns on to provide one energy pulse to supply output terminal and primary VCC. To
achieve low standby power, the lower switching frequency is necessary. But if the off time is too long, the VCC voltage will reduce to very low
level. To avoid VCC being lower than VOPR(Min), a minimum switching frequency is specified by the APR343 (tDIS). If VOUT does not fall below
trigger voltage during tDIS, APR343 VDET pin will emit the periodical pulse current and let the primary switch turn on.
4.
Leading Edge Blanking
When the power switch is turned on, a turn-on spike will occur on the sense-resistor. To avoid false-termination of the switching pulse, a 500ns
leading-edge blanking (from power MOSFET on) is built in. During this blanking period, the current sense comparator is disabled and the gate
driver can’t be switched off.
5.
Adjustable Line Compensation
Since there is a constant delay time from the CS pin voltage reaching the given VCS reference to the power MOSFET turning off, the real
primary peak current value always has a gap with the ideal value. The gap value changes with different input line voltage, which is caused by
different current rising slope, results in different system constant current value.
In order to eliminate the constant current deviation due to line voltage, the adjustable line compensation is introduced to AP3776B design. By
sensing the negative voltage of FB pin which is linear to the line voltage, a current (ILINE) proportional to line voltage flows out from the CS pin to
the resistor RLINE, and create an adjustable compensation voltage to clear up the primary current gap, so that the excellent line regulation of
output current will be achieved.
indc
p
aux
FB
FB
FB
LINE
LINE
CS
V
N
N
R
R
R
k
R
V
2
1
2
_
700
1
4
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com