Electronic Components Datasheet Search
  English  ▼

X  

AP3776B Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP3776B
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776B Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP3776B Datasheet HTML 9Page - Diodes Incorporated AP3776B Datasheet HTML 10Page - Diodes Incorporated AP3776B Datasheet HTML 11Page - Diodes Incorporated AP3776B Datasheet HTML 12Page - Diodes Incorporated AP3776B Datasheet HTML 13Page - Diodes Incorporated AP3776B Datasheet HTML 14Page - Diodes Incorporated AP3776B Datasheet HTML 15Page - Diodes Incorporated AP3776B Datasheet HTML 16Page - Diodes Incorporated AP3776B Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AP3776B
Document number: DS36737 Rev. 6 - 2
14 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3776B
Ordering Information
AP3776B X XX - XX
Packing
Package
TR : Tape & Reel
M : SO-8
Product Name
G1 : Green
RoHS/Green
Package
Temperature
Range
Part Number
Marking ID
Packing
SO-8
-40 to +85°C
AP3776BMTR-G1
3776BM-G1
4000/Tape & Reel
Marking Information
(Top View)
3776BM
-G1
YWWAXX
3776BM-G1: Marking ID
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com