Electronic Components Datasheet Search
  English  ▼

X  

AP3790 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3790
Description  PUMP EXPRESSTM COMPATIBLE AC/DC PSR CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3790 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3790 Datasheet HTML 2Page - Diodes Incorporated AP3790 Datasheet HTML 3Page - Diodes Incorporated AP3790 Datasheet HTML 4Page - Diodes Incorporated AP3790 Datasheet HTML 5Page - Diodes Incorporated AP3790 Datasheet HTML 6Page - Diodes Incorporated AP3790 Datasheet HTML 7Page - Diodes Incorporated AP3790 Datasheet HTML 8Page - Diodes Incorporated AP3790 Datasheet HTML 9Page - Diodes Incorporated AP3790 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AP3790
Document number: DS37221 Rev. 3 - 2
6 of 17
www.diodes.com
October 2014
© Diodes Incorporated
AP3790
A Product Line of
Diodes Incorporated
Operation Principle Description
+
C1
FR1
+
C2
L1
TR1
D1
+
FB
R13
OUT
VCC
R2
R14
AP3790
CPC
GND
C6
R3
R4
Q1
5V/1A
C3
D4~D7
L2
R12
C7
D2
+
C4
D3
C5
R11
CS
R1
R10
2
1
5
3
7
4
6
8
Figure 1. 7.5W Battery Charger
Figure 1 is the typical application circuit of AP3790, which is a conventional Flyback converter with a 3-winding transformer---primary winding (NP),
secondary winding (NS) and auxiliary winding (NAUX). The auxiliary winding is used for providing VCC supply voltage for IC and sensing the output
voltage feedback signal to FB pin.
Figure 2 shows the typical waveforms which demonstrate the basic operating principle of AP3790 application. And the parameters are defined as
following.
IP---The primary side current
IS ---The secondary side current
IPK---Peak value of primary side current
IPKS---Peak value of secondary side current
VSEC---The transient voltage at secondary winding
VS---The stable voltage at secondary winding when rectification diode is in conducting status, which equals the sum of output voltage VOUT and
the forward voltage drop of diode
VAUX---The transient voltage at auxiliary winding
VA--- The stable voltage at auxiliary winding when rectification diode is in conducting status, which equals the sum of voltage VCC and the forward
voltage drop of auxiliary diode
tSW ---The period of switching frequency
tONP ---The conduction time when primary side switch is “ON”
tONS ---The conduction time when secondary side diode is “ON”
tOFF ---The dead time when neither primary side switch nor secondary side diode is “ON”
tOFFS --- The time when secondary side diode is “OFF”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com