Electronic Components Datasheet Search
  English  ▼

X  

AP3790 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP3790
Description  PUMP EXPRESSTM COMPATIBLE AC/DC PSR CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3790 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP3790 Datasheet HTML 9Page - Diodes Incorporated AP3790 Datasheet HTML 10Page - Diodes Incorporated AP3790 Datasheet HTML 11Page - Diodes Incorporated AP3790 Datasheet HTML 12Page - Diodes Incorporated AP3790 Datasheet HTML 13Page - Diodes Incorporated AP3790 Datasheet HTML 14Page - Diodes Incorporated AP3790 Datasheet HTML 15Page - Diodes Incorporated AP3790 Datasheet HTML 16Page - Diodes Incorporated AP3790 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AP3790
Document number: DS37221 Rev. 3 - 2
14 of 17
www.diodes.com
October 2014
© Diodes Incorporated
AP3790
A Product Line of
Diodes Incorporated
Performance Characteristics (Cont.)
-40
-20
0
20
40
60
80
100
120
140
100
150
200
250
300
350
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
140
0
200
400
600
800
1000
Ambient Temperature (
oC)
Figure 18. Line Compensation Resistance vs. Ambient Temperature
Figure 19. Input Resistance of FB Pin vs. Ambient Temperature
Ordering Information
AP3790 X XX- G1
Packing
Package
TR : Tape & Reel
M : SO-8
G1 : Green
Product Name
RoHS/Green
Package
Temperature
Range
Cable
Compensation
Voltage
Part Number
Marking ID
Packing
SO-8
-40 to +150
C
6%
AP3790MTR-G1
3790M-G1
4000/Tape & Reel
Marking Information
(Top View)
: Logo
XXXXM-G1: Marking ID
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7th and 8th Digits of Batch No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com