Electronic Components Datasheet Search
  English  ▼

X  

AP3790 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3790
Description  PUMP EXPRESSTM COMPATIBLE AC/DC PSR CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3790 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3790 Datasheet HTML 6Page - Diodes Incorporated AP3790 Datasheet HTML 7Page - Diodes Incorporated AP3790 Datasheet HTML 8Page - Diodes Incorporated AP3790 Datasheet HTML 9Page - Diodes Incorporated AP3790 Datasheet HTML 10Page - Diodes Incorporated AP3790 Datasheet HTML 11Page - Diodes Incorporated AP3790 Datasheet HTML 12Page - Diodes Incorporated AP3790 Datasheet HTML 13Page - Diodes Incorporated AP3790 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AP3790
Document number: DS37221 Rev. 3 - 2
10 of 17
www.diodes.com
October 2014
© Diodes Incorporated
AP3790
A Product Line of
Diodes Incorporated
Operation Principle Description (Cont.)
Output Voltage Selection Section
The output voltage of AP3790 can be adjusted based on the patterns of load current aligned to MTK Pump Express protocol.
The voltage of CPC pin of AP3790 is changed with the load current. AP3790 can detect the load current patterns through CPC pin. The pattern
of decrease output voltage is shown in Figure 5 and the pattern of increase output voltage is shown in Figure 6.
VCPC_L
VCPC_H
tON_B
tON_C
tON_A
tOFF_D
Figure 5 The Pattern of Decrease Output Voltage
tON_A
tON_B
tON_C
tOFF_D
VCPC_L
VCPC_H
Figure 6 The Pattern of Increase Output Voltage
Just shown as Figure 7, the voltage is changed step by step among 4.8V and 3.6V. When the AP3790 detects one full pattern of decrease
output voltage, the output voltage will decrease 0.2V from the current voltage level. When the output voltage is 3.6V, the pattern of decrease
output voltage is invalid. When the AP3790 detects one full pattern of increase output voltage, the output voltage will increase 0.2V from the
current voltage level. When the output voltage is 5V, the pattern of decrease output voltage is invalid. At any voltage level among 4.8V to 3.6V,
once the WDT function (VCPC<VCPC_L and the time of duration is more than tWDT.) is triggered, the output voltage will return to 5V directly. And At
any voltage level among 4.8V to 3.6V, once any protect function is triggered, the output voltage will return to 5V directly.
Figure 7. Voltage State Flow
5V
4.8V
4.6V
4.4V
4.2V
4.0V
3.8V
3.6V
WDT
WDT
Control Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com