Electronic Components Datasheet Search
  English  ▼

X  

AP3790 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3790
Description  PUMP EXPRESSTM COMPATIBLE AC/DC PSR CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3790 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3790 Datasheet HTML 8Page - Diodes Incorporated AP3790 Datasheet HTML 9Page - Diodes Incorporated AP3790 Datasheet HTML 10Page - Diodes Incorporated AP3790 Datasheet HTML 11Page - Diodes Incorporated AP3790 Datasheet HTML 12Page - Diodes Incorporated AP3790 Datasheet HTML 13Page - Diodes Incorporated AP3790 Datasheet HTML 14Page - Diodes Incorporated AP3790 Datasheet HTML 15Page - Diodes Incorporated AP3790 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AP3790
Document number: DS37221 Rev. 3 - 2
12 of 17
www.diodes.com
October 2014
© Diodes Incorporated
AP3790
A Product Line of
Diodes Incorporated
Operation Principle Description (Cont.)
VTH_ST
VOPR(MIN)
VFB(SCP)
tSCP
VCC
VFB
VOUT
0V
Figure 9. Short Circuit Protection (SCP) and Hiccup Mode
OTP
If the junction temperature reaches the threshold of +140
⁰C, AP3790 shuts down immediately. Before VCC voltage decreases to UVLO, if the
junction temperature decreases to +100
⁰C, AP3790 can recover to normal operation. If not, the power system enters restart Hiccup mode until
the junction temperature decreases below +100
⁰C.
Performance Characteristics
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
Ambient Temperature (
oC)
Figure 10. Startup Voltage vs. Ambient Temperature
Figure 11. Startup Current vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
120
140
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com