| Electronic Components Datasheet Search |
|
AP3790 Datasheet(PDF) 7 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP3790 Datasheet(HTML) 7 Page - Diodes Incorporated |
|
7 / 17 page ![]() AP3790 Document number: DS37221 Rev. 3 - 2 7 of 17 www.diodes.com October 2014 © Diodes Incorporated AP3790 A Product Line of Diodes Incorporated Operation Principle Description (Cont.) Figure 2. The Operation Waveform of Flyback PSR System For primary-side regulation, the primary current ip(t) is sensed by a current sense resistor RCS (R2 as shown in Figure 1). The current rises up linearly at a rate of: M L t dt t dip ) ( V ) ( IN (1) As illustrated in Figure 2, when the current ip(t) rises up to IPK, the switch Q1 turns off. The constant peak current is given by: CS CS PK R V I (2) The energy stored in the magnetizing inductance LM each cycle is therefore: 2 2 1 PK M I L Eg (3) So the power transferring from the input to the output is given by: SW PK M f I L P 2 2 1 (4) Where, the fSW is the switching frequency. When the peak current IPK is constant, the output power depends on the switching frequency fSW. Constant Voltage Operation As to constant-voltage (CV) operation mode, the AP3790 detects the auxiliary winding voltage at FB pin to regulate the output voltage. The auxiliary winding voltage is coupled with secondary side winding voltage, so the auxiliary winding voltage at D1 conduction time is: Vd Vo N N V S AUX AUX (5) Where the Vd is the diode forward voltage drop. t ONP t ONS IPK IPKS VS IP IS t OFFS t OFF VSEC VA VAUX tSW |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |