Electronic Components Datasheet Search
  English  ▼

X  

SI516 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI516
Description  DUAL FREQUENCY VOLTAGE-CONTROLLED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI516 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI516 Datasheet HTML 1Page - Silicon Laboratories SI516 Datasheet HTML 2Page - Silicon Laboratories SI516 Datasheet HTML 3Page - Silicon Laboratories SI516 Datasheet HTML 4Page - Silicon Laboratories SI516 Datasheet HTML 5Page - Silicon Laboratories SI516 Datasheet HTML 6Page - Silicon Laboratories SI516 Datasheet HTML 7Page - Silicon Laboratories SI516 Datasheet HTML 8Page - Silicon Laboratories SI516 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Si516
Rev. 1.0
5
Table 2. Vc Control Voltage Input
VDD = 2.5 or 3.3 V ±10%, TA = –40 to +85 oC
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Control Voltage Range
VC
0.1 x VDD
VDD/2
0.9 x VDD
V
Control Voltage Tuning Slope
(10 to 90% VDD)
Kv
Ordering option
60, 90, 120, 150
ppm/V
Kv Variation
Kv_var
—
—
±10
%
Control Voltage Linearity
LVC
BSL
–5
±1
+5
%
Modulation Bandwidth
BW
—
10
—
kHz
Vc Input Impedance
ZVC
—100
—
k
Table 3. Output Clock Frequency Characteristics
VDD = 2.5 or 3.3 V ±10%, TA = –40 to +85 oC
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Nominal Frequency
FO
CMOS, Dual CMOS
0.1
—
212.5
MHz
FO
LVDS/LVPECL/HCSL
0.1
—
250
MHz
Temperature Stability
ST
TA = –40 to +85 oC
–20
—
+20
ppm
Aging
A
Frequency drift over 10-year life
—
—
±8.5
ppm
Minimum Absolute Pull Range
APR
Ordering option
±30, ±50,±80, ±100
ppm
Startup Time
TSU
Minimum VDD until output fre-
quency (FO) within specification
——
10
ms
Disable Time
TD
FO > 10 MHz
—
—
5
µs
FO < 10 MHz
—
—
40
µs
Enable Time
TD
FO > 10 MHz
—
—
20
µs
FO < 10 MHz
—
—
60
µs
Settling Time after FS Change
tFRQ
——
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com