Electronic Components Datasheet Search
  English  ▼

X  

SI516 Datasheet(PDF) 14 Page - Silicon Laboratories

Part # SI516
Description  DUAL FREQUENCY VOLTAGE-CONTROLLED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI516 Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button SI516 Datasheet HTML 10Page - Silicon Laboratories SI516 Datasheet HTML 11Page - Silicon Laboratories SI516 Datasheet HTML 12Page - Silicon Laboratories SI516 Datasheet HTML 13Page - Silicon Laboratories SI516 Datasheet HTML 14Page - Silicon Laboratories SI516 Datasheet HTML 15Page - Silicon Laboratories SI516 Datasheet HTML 16Page - Silicon Laboratories SI516 Datasheet HTML 17Page - Silicon Laboratories SI516 Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Si516
14
Rev. 1.0
3. Ordering Information
The Si516 supports a variety of options including frequency, minimum absolute pull range (APR), tuning slope,
output format, and VDD. Specific device configurations are programmed into the Si516 at time of shipment.
Configurations are specified using the Part Number Configuration chart shown below. Silicon Labs provides a web
browser-based
part
number
configuration
utility
to
simplify
this
process.
Refer
to
www.silabs.com/VCXOPartNumber to access this tool and for further ordering instructions. The Si516 VCXO
series is supplied in industry-standard, RoHS compliant, lead-free, 3.2 x 5.0 mm and 5 x 7 mm packages. Tape
and reel packaging is an ordering option.
Figure 2. Part Number Convention
Example ordering part number: 516AAB000213AAG.
The series prefix, 516, indicates the device is a dual frequency VCXO.
The 1st option code A specifies the output format is LVPECL and powered from a 3.3 V supply. The Absolute Pull
Range code A indicates a temperature stability of ±20 ppm with a tuning slope of ±150 ppm/V. The 3rd option code
B specifies the frequencies are listed in descending order and FS = 0 selects the higher frequency.
The frequency code is 000213. Per this convention, and as indicated by the part number lookup utility at
www.silabs.com/VCXOpartnumber, the two output frequencies are 156.25 MHz and 125 MHz. The package code
A refers to the 5 x 7 mm footprint with six pins. The last A refers to the product revision, G indicates the
temperature range (–40 to +85 °C), and R specifies the device ships in tape and reel format.
Series
Output Format
Package
516
LVPECL, LVDS, HCSL,
6-pin
Code
Description
This 6-digit code represents a unique
6-digit Frequency Designator Code
Dual Frequency VCXO
CMOS, Dual CMOS
6-pin
xxxxxx
gp
q
combination of two frequencies. Frequencies
from 100 kHz to 250 MHz (differential) or 212.5
MHz (CMOS) are supported. For more info:
www.silabs.com/VCXOPartNumber.
X
X
516
X
XXXXXX
X
1st Option Code: Output Format
VDD
Output Format
A
3.3V
LVPECL
AGR
A = Revision: A
G = Temp Range: -40°C to 85°C
R = Tape & Reel; Blank = Trays
X
X
516
X
XXXXXX
X
Dimensions
B3.3V
LVDS
C3.3V
CMOS
D
3.3V
HCSL
E
2.5V
LVPECL
AGR
3rd Option Code*
Package
2nd Option Code: Absolute Pull Range (all ± ppm values)
A
5 x 7 mm
B
3.2 x 5 mm
F2.5V
LVDS
G2.5V
CMOS
H
2.5V
HCSL
M
3.3V
Dual CMOS (In-phase)
Temp
Stability
FS = 0
Kv
Minimum APR
FS = 1
Kv
Minimum APR
33 V
25 V
33 V
25 V
N
3.3V
Dual CMOS (Complementary)
P
2.5V
Dual CMOS (In-phase)
Q
2.5V
Dual CMOS (Complementary)
Stability
Kv
Kv
3.3V
2.5V
3.3V
2.5V
A
20ppm
150ppm/V
100ppm
80ppm
150ppm/V
100ppm
80ppm
B
20ppm
150ppm/V
100ppm
80ppm
120ppm/V
80ppm
50ppm
C
20ppm
150ppm/V
100ppm
80ppm
90ppm/V
50ppm
30ppm
* 3rd Option Code:
Frequency Select Functionality
FS Functionality
A
Frequencies in ascending order
D
20ppm
150ppm/V
100ppm
80ppm
60ppm/V
30ppm
N/S
E
20ppm
120ppm/V
80ppm
50ppm
120ppm/V
80ppm
50ppm
F
20ppm
120ppm/V
80ppm
50ppm
90ppm/V
50ppm
30ppm
G
20ppm
120ppm/V
80ppm
50ppm
60ppm/V
30ppm
N/S
N/S = not supported
A
Frequencies in ascending order
(FS = 0 selects lower frequency)
B
Frequencies in descending order
(FS = 0 selects higher frequency)
H
20ppm
90ppm/V
50ppm
30ppm
90ppm/V
50ppm
30ppm
J
20ppm
90ppm/V
50ppm
30ppm
60ppm/V
30ppm
N/S
K
20ppm
60ppm/V
30ppm
N/S
60ppm/V
30ppm
N/S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com