Electronic Components Datasheet Search
  English  ▼

X  

SI516 Datasheet(PDF) 17 Page - Silicon Laboratories

Part # SI516
Description  DUAL FREQUENCY VOLTAGE-CONTROLLED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI516 Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button SI516 Datasheet HTML 13Page - Silicon Laboratories SI516 Datasheet HTML 14Page - Silicon Laboratories SI516 Datasheet HTML 15Page - Silicon Laboratories SI516 Datasheet HTML 16Page - Silicon Laboratories SI516 Datasheet HTML 17Page - Silicon Laboratories SI516 Datasheet HTML 18Page - Silicon Laboratories SI516 Datasheet HTML 19Page - Silicon Laboratories SI516 Datasheet HTML 20Page - Silicon Laboratories SI516 Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Si516
Rev. 1.0
17
5. PCB Land Pattern: 5 x 7 mm, 6-pin
Figure 4 illustrates the 5 x 7 mm PCB land pattern for the Si516. Table 15 lists the values for the dimensions shown
in the illustration.
Figure 4. Si516 PCB Land Pattern
Table 15. PCB Land Pattern Dimensions (mm)
Dimension
(mm)
C1
4.20
E2.54
X1
1.55
Y1
1.95
Notes:
General
1.
All dimensions shown are in millimeters (mm) unless otherwise noted.
2.
Dimensioning and Tolerancing is per the ANSI Y14.5M-1994 specification.
3.
This Land Pattern Design is based on the IPC-7351 guidelines.
4.
All dimensions shown are at Maximum Material Condition (MMC). Least Material Condition
(LMC) is calculated based on a Fabrication Allowance of 0.05 mm.
Solder Mask Design
5.
All metal pads are to be non-solder mask defined (NSMD). Clearance between the solder
mask and the metal pad is to be 60 µm minimum, all the way around the pad.
Stencil Design
6.
A stainless steel, laser-cut and electro-polished stencil with trapezoidal walls should be used to
assure good solder paste release.
7.
The stencil thickness should be 0.125 mm (5 mils).
8.
The ratio of stencil aperture to land pad size should be 1:1.
Card Assembly
9.
A No-Clean, Type-3 solder paste is recommended.
10.
The recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small
Body Components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com