Electronic Components Datasheet Search
  English  ▼

X  

SI516 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI516
Description  DUAL FREQUENCY VOLTAGE-CONTROLLED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI516 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI516 Datasheet HTML 2Page - Silicon Laboratories SI516 Datasheet HTML 3Page - Silicon Laboratories SI516 Datasheet HTML 4Page - Silicon Laboratories SI516 Datasheet HTML 5Page - Silicon Laboratories SI516 Datasheet HTML 6Page - Silicon Laboratories SI516 Datasheet HTML 7Page - Silicon Laboratories SI516 Datasheet HTML 8Page - Silicon Laboratories SI516 Datasheet HTML 9Page - Silicon Laboratories SI516 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Si516
6
Rev. 1.0
Table 4. Output Clock Levels and Symmetry
VDD = 2.5 or 3.3 V ±10%, TA = –40 to +85 oC
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
CMOS Output Logic High
VOH
0.85 x VDD
——
V
CMOS Output Logic Low
VOL
—
—
0.15 x VDD
V
CMOS Output Logic High
Drive
IOH
3.3 V
–8
—
—
mA
2.5 V
–6
—
—
mA
CMOS Output Logic Low
Drive
IOL
3.3 V
8
—
—
mA
2.5 V
6
—
—
mA
CMOS Output Rise/Fall Time
(20 to 80% VDD)
TR/TF
0.1 to 125 MHz,
CL = 15 pF
—0.8
1.2
ns
0.1 to 212.5 MHz,
CL = no load
—0.6
0.9
ns
LVPECL/HCSL Output
Rise/Fall Time
(20 to 80% VDD)
TR/TF
——
565
ps
LVDS Output Rise/Fall Time
(20 to 80% VDD)
TR/TF
——
800
ps
LVPECL Output Common
Mode
VOC
50
 to VDD – 2 V,
single-ended
—VDD –
1.4 V
—V
LVPECL Output Swing
VO
50
 to VDD – 2 V,
single-ended
0.55
0.8
0.90
VPPSE
LVDS Output Common Mode
VOC
100
 line-line,
VDD = 3.3/2.5 V
1.13
1.23
1.33
V
LVDS Output Swing
VO
Single-ended 100
differential termination
0.25
0.38
0.42
VPPSE
HCSL Output Common Mode
VOC
50
to ground
0.35
0.38
0.42
V
HCSL Output Swing
VO
Single-ended
0.58
0.73
0.85
VPPSE
Duty Cycle
DC
48
50
52
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com