Electronic Components Datasheet Search
  English  ▼

X  

SI554 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI554
Description  QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI554 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI554 Datasheet HTML 3Page - Silicon Laboratories SI554 Datasheet HTML 4Page - Silicon Laboratories SI554 Datasheet HTML 5Page - Silicon Laboratories SI554 Datasheet HTML 6Page - Silicon Laboratories SI554 Datasheet HTML 7Page - Silicon Laboratories SI554 Datasheet HTML 8Page - Silicon Laboratories SI554 Datasheet HTML 9Page - Silicon Laboratories SI554 Datasheet HTML 10Page - Silicon Laboratories SI554 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Si554
Rev. 1.1
7
Table 7. CLK± Output Phase Noise (Typical)
Offset Frequency
74.25 MHz
90 ppm/V
LVPECL
491.52 MHz
45 ppm/V
LVPECL
622.08 MHz
135 ppm/V
LVPECL
Units
100 Hz
1kHz
10 kHz
100 kHz
1MHz
10 MHz
100 MHz
–87
–114
–132
–142
–148
–150
n/a
–75
–100
–116
–124
–135
–146
–147
–65
–90
–109
–121
–134
–146
–147
dBc/Hz
Table 8. Environmental Compliance
The Si554 meets the following qualification test requirements.
Parameter
Conditions/Test Method
Mechanical Shock
MIL-STD-883F, Method 2002.3 B
Mechanical Vibration
MIL-STD-883F, Method 2007.3 A
Solderability
MIL-STD-883F, Method 203.8
Gross & Fine Leak
MIL-STD-883F, Method 1014.7
Resistance to Solvents
MIL-STD-883F, Method 2016
Moisture Sensitivity Level
J-STD-020, MSL 1
Contact Pads
J-STD-020, MSL 1
Table 9. Thermal Characteristics
(Typical values TA = 25 ºC, VDD =3.3 V)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Thermal Resistance Junction to Ambient
JA
Still Air
—
84.6
—
°C/W
Thermal Resistance Junction to Case
JC
Still Air
—
38.8
—
°C/W
Ambient Temperature
TA
–40
—
85
°C
Junction Temperature
TJ
——
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com