Electronic Components Datasheet Search
  English  ▼

X  

SI554 Datasheet(PDF) 14 Page - Silicon Laboratories

Part # SI554
Description  QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI554 Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button SI554 Datasheet HTML 7Page - Silicon Laboratories SI554 Datasheet HTML 8Page - Silicon Laboratories SI554 Datasheet HTML 9Page - Silicon Laboratories SI554 Datasheet HTML 10Page - Silicon Laboratories SI554 Datasheet HTML 11Page - Silicon Laboratories SI554 Datasheet HTML 12Page - Silicon Laboratories SI554 Datasheet HTML 13Page - Silicon Laboratories SI554 Datasheet HTML 14Page - Silicon Laboratories SI554 Datasheet HTML 15Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Si554
14
Rev. 1.1
DOCUMENT CHANGE LIST
Revision 0.6 to Revision 1.0
Updated Table 4 on page 3.

Updated 2.5 V/3.3 V and 1.8 V CML output level
specifications.
Updated Table 5 on page 4.

Removed the words “Differential Modes:
LVPECL/LVDS/CML” in the footnote referring to AN256.

Added footnotes clarifying max offset frequency test
conditions.

Added CMOS phase jitter specs.
Updated Table 10 on page 8.

Separated 1.8 V, 2.5 V/3.3 V supply voltage
specifications.

Updated ESD HBM sensitivity rating.
Updated and clarified Table 8 on page 7

Added “Moisture Sensitivity Level” and “Contact Pads”
rows.
Updated 6. "Top Marking" on page 13 to reflect
specific marking information (previously, figure was
generic).
Updated 4. "Package Outline and Suggested Pad
Layout" on page 11.

Added cyrstal impedance pin in Figure 2 on page 11 and
Table 12 on page 11.
Reordered spec tables and back matter to conform
to data sheet quality conventions.
Revision 1.0 to Revision 1.1
Added Table 9, “Thermal Characteristics,” on
page 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com