Electronic Components Datasheet Search
  English  ▼

X  

SI554 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI554
Description  QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI554 Datasheet(HTML) 3 Page - Silicon Laboratories

  SI554 Datasheet HTML 1Page - Silicon Laboratories SI554 Datasheet HTML 2Page - Silicon Laboratories SI554 Datasheet HTML 3Page - Silicon Laboratories SI554 Datasheet HTML 4Page - Silicon Laboratories SI554 Datasheet HTML 5Page - Silicon Laboratories SI554 Datasheet HTML 6Page - Silicon Laboratories SI554 Datasheet HTML 7Page - Silicon Laboratories SI554 Datasheet HTML 8Page - Silicon Laboratories SI554 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Si554
Rev. 1.1
3
Table 3. CLK± Output Frequency Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Nominal Frequency1,2,3
fO
LVDS/CML/LVPECL
10
—
945
MHz
CMOS
10
—
160
MHz
Temperature Stability1,4
TA = –40 to +85 °C
–20
–50
–100
—
—
—
+20
+50
+100
ppm
Absolute Pull Range1,4
APR
±12
—
±375
ppm
Aging
Frequency drift over first year.
—
—
±3
ppm
Frequency drift over 15 year life.
—
—
±10
Power up Time5
tOSC
——
10
ms
Settling Time After FS[1:0]
Change
tFRQ
Both FS[1] and FS[0] changing
simultaneously
——
20
ms
Notes:
1. See Section 3. "Ordering Information" on page 10 for further details.
2. Specified at time of order by part number. Also available in frequencies from 970 to 1134 MHz and 1213 to 1417 MHz.
3. Nominal output frequency set by VCNOM =VDD/2.
4. Selectable parameter specified by part number.
5. Time from power up or tristate mode to fO (to within ±1 ppm of fO).
Table 4. CLK± Output Levels and Symmetry
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
LVPECL Output Option1
VO
mid-level
VDD – 1.42
—
VDD – 1.25
V
VOD
swing (diff)
1.1
—
1.9
VPP
VSE
swing (single-ended)
0.55
—
0.95
VPP
LVDS Output Option2
VO
mid-level
1.125
1.20
1.275
V
VOD
swing (diff)
0.5
0.7
0.9
VPP
CML Output Option2
VO
2.5/3.3 V option mid-level
—
VDD – 1.30
—
V
1.8 V option mid-level
—
VDD – 0.36
—
V
VOD
2.5/3.3 V option swing (diff)
1.10
1.50
1.90
VPP
1.8 V option swing (diff)
0.35
0.425
0.50
VPP
CMOS Output Option3
VOH
IOH =32mA
0.8 x VDD
—
VDD
V
VOL
IOL =32mA
—
—
0.4
Rise/Fall time (20/80%)
tR, tF
LVPECL/LVDS/CML
—
—
350
ps
CMOS with CL =15pF
—
1
—
ns
Symmetry (duty cycle)
SYM
LVPECL:
VDD – 1.3 V
(diff)
LVDS:
1.25 V (diff)
CMOS:
VDD/2
45
—
55
%
Notes:
1. 50
 to V
DD – 2.0 V.
2. Rterm = 100  (differential).
3. CL = 15 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com