Electronic Components Datasheet Search
  English  ▼

X  

SI554 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI554
Description  QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI554 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI554 Datasheet HTML 1Page - Silicon Laboratories SI554 Datasheet HTML 2Page - Silicon Laboratories SI554 Datasheet HTML 3Page - Silicon Laboratories SI554 Datasheet HTML 4Page - Silicon Laboratories SI554 Datasheet HTML 5Page - Silicon Laboratories SI554 Datasheet HTML 6Page - Silicon Laboratories SI554 Datasheet HTML 7Page - Silicon Laboratories SI554 Datasheet HTML 8Page - Silicon Laboratories SI554 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Si554
2
Rev. 1.1
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Supply Voltage1
VDD
3.3 V option
2.97
3.3
3.63
V
2.5 V option
2.25
2.5
2.75
V
1.8 V option
1.71
1.8
1.89
V
Supply Current
IDD
Output enabled
LVPECL
CML
LVDS
CMOS
—
—
—
—
120
108
99
90
130
117
108
98
mA
Tristate mode
—
60
75
mA
Output Enable (OE)
and Frequency Select FS[1:0]2
VIH
0.75 x VDD
——
V
VIL
——
0.5
V
Operating Temperature Range
TA
–40
—
85
ºC
Notes:
1. Selectable parameter specified by part number. See Section 3. "Ordering Information" on page 10 for further details.
2. OE and FS[1:0] pins include a 17 k
 resistor to VDD.
Table 2. VC Control Voltage Input
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Control Voltage Tuning Slope1,2,3
KV
10 to 90% of VDD
—33
45
90
135
180
356
—
ppm/V
Control Voltage Linearity4
LVC
BSL
–5
±1
+5
%
Incremental
–10
±5
+10
%
Modulation Bandwidth
BW
9.3
10.0
10.7
kHz
VC Input Impedance
ZVC
500
—
—
k
Nominal Control Voltage
VCNOM
@ fO
—VDD/2
—
V
Control Voltage Tuning Range
VC
0VDD
V
Notes:
1. Positive slope; selectable option by part number. See Section 3. "Ordering Information" on page 10.
2. For best jitter and phase noise performance, always choose the smallest KV that meets the application’s minimum APR
requirements. See “AN266: VCXO Tuning Slope (KV), Stability, and Absolute Pull Range (APR)” for more information.
3. KV variation is ±10% of typical values.
4. BSL determined from deviation from best straight line fit with VC ranging from 10 to 90% of VDD. Incremental slope
determined with VC ranging from 10 to 90% of VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com