Electronic Components Datasheet Search
  English  ▼

X  

SI554 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI554
Description  QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI554 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI554 Datasheet HTML 1Page - Silicon Laboratories SI554 Datasheet HTML 2Page - Silicon Laboratories SI554 Datasheet HTML 3Page - Silicon Laboratories SI554 Datasheet HTML 4Page - Silicon Laboratories SI554 Datasheet HTML 5Page - Silicon Laboratories SI554 Datasheet HTML 6Page - Silicon Laboratories SI554 Datasheet HTML 7Page - Silicon Laboratories SI554 Datasheet HTML 8Page - Silicon Laboratories SI554 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Si554
4
Rev. 1.1
Table 5. CLK± Output Phase Jitter
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Phase Jitter (RMS)1,2,3
for FOUT > 500 MHz
J
Kv = 33 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
—
—
0.26
0.26
—
—
ps
Kv = 45 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
—
—
0.27
0.26
—
—
ps
Kv = 90 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
—
—
0.32
0.26
—
—
ps
Kv = 135 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
—
—
0.40
0.27
—
—
ps
Kv = 180 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
—
—
0.49
0.28
—
—
ps
Kv = 356 ppm/V
12 kHz to 20 MHz (OC-48)
50 kHz to 80 MHz (OC-192)
—
—
0.87
0.33
—
—
ps
Notes:
1. Refer to AN255, AN256, and AN266 for further information.
2. For best jitter and phase noise performance, always choose the smallest KV that meets the application’s minimum APR
requirements. See “AN266: VCXO Tuning Slope (KV), Stability, and Absolute Pull Range (APR)” for more information.
3. See “AN255: Replacing 622 MHz VCSO devices with the Si550 VCXO” for comparison highlighting power supply
rejection (PSR) advantage of Si55x versus SAW-based solutions.
4. Max jitter for LVPECL output with VC=1.65V, VDD=3.3V, 155.52 MHz.
5. Max offset frequencies: 80 MHz for FOUT > 250 MHz, 20 MHz for 50 MHz < FOUT <250 MHz,
2 MHz for 10 MHz < FOUT <50 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com