Electronic Components Datasheet Search
  English  ▼

X  

AD9655 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9655
Description  Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9655 Datasheet(HTML) 1 Page - Analog Devices

  AD9655 Datasheet HTML 1Page - Analog Devices AD9655 Datasheet HTML 2Page - Analog Devices AD9655 Datasheet HTML 3Page - Analog Devices AD9655 Datasheet HTML 4Page - Analog Devices AD9655 Datasheet HTML 5Page - Analog Devices AD9655 Datasheet HTML 6Page - Analog Devices AD9655 Datasheet HTML 7Page - Analog Devices AD9655 Datasheet HTML 8Page - Analog Devices AD9655 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Dual, 16-Bit, 125 MSPS Serial LVDS,
1.8 V Analog-to-Digital Converter
Data Sheet
AD9655
FEATURES
1.8 V supply operation
Low power: approximately 150 mW/channel at 125 MSPS,
2V p-p input range (typical)
SNR/SFDR at 69.5 MHz
77.5 dBFS/88 dBc, 2.0 V p-p input range (typical)
79.3 dBFS/84 dBc, 2.8 V p-p input range (typical)
Linearity
DNL = ±0.7 LSB; INL = ±4.0 LSB (typical, 2.0 V p-p input span)
DNL = ±0.7 LSB; INL = ±3.4 LSB (typical, 2.8 V p-p input span)
Serial LVDS, two data lanes per ADC channel
500 MHz full power analog bandwidth
Serial port control
Full chip and individual channel power-down modes
Flexible bit orientation
Built-in and custom digital test pattern generation
Clock divider
Programmable output clock and data alignment
Standby mode
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers
GSM, EDGE, W-CDMA, LTE, CDMA2000, WiMAX, TD-SCDMA
I/Q demodulation systems
Smart antenna systems
Broadband data applications
Battery-powered instruments
Handheld scope meters
Portable medical imaging and ultrasound
Radar/LIDAR
GENERAL DESCRIPTION
The AD9655 is a dual, 16-bit, 125 MSPS analog-to-digital
converter (ADC) with an on-chip sample-and-hold circuit
designed for low cost, low power, small size, and ease of use.
The product operates at a conversion rate of up to 125 MSPS
and is optimized for outstanding dynamic performance and low
power in applications where a small package size is critical.
The ADC requires a single 1.8 V power supply and an LVPECL-/
CMOS-/LVDS-compatible sample rate clock for full performance
operation. External reference or driver components are not
required for many applications.
The ADC automatically multiplies the sample rate clock for the
appropriate LVDS serial data rate. A data clock output (DCO)
for capturing data on the output and a frame clock output (FCO)
for signaling a new output byte are provided.
FUNCTIONAL BLOCK DIAGRAM
AD9655
16
VINA+
AVDD
DRVDD
16
16
VINB+
VINB–
16
VINA–
VCM
AGND
D0A+
D0A–
D1A+
D1A–
D0B+
D0B–
D1B+
D1B–
DCO+
DCO–
FCO+
FCO–
16-BIT
PIPELINE
ADC
16-BIT
PIPELINE
ADC
SERIAL PORT
INTERFACE
1 TO 8
CLOCK DIVIDER
SCLK/
DFS
SDIO/
PDWN
CSB
CLK+ CLK–
REFERENCE
Figure 1.
Individual channel power-down is supported. The AD9655
typically consumes less than 2 mW in serial port interface (SPI)
power-down mode. The available digital test pat-terns include
built-in deterministic and pseudorandom patterns, along with
custom user-defined test patterns entered via the SPI.
The AD9655 is available in an RoHS-compliant, 32-lead LFCSP.
It is specified over the industrial temperature range of −40°C to
+85°C. This device is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1. Small Footprint.
Two ADCs are contained in a small, space-saving package.
2. Pin Compatible.
The AD9655 is pin compatible to the AD9645 14-bit and
AD9635 12-bit dual ADCs.
3. Ease of Use.
A DCO operates at frequencies of up to 500 MHz and
supports double data rate (DDR) operation.
4. User Flexibility.
The SPI control offers a wide range of flexible features to
meet specific system requirements.
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD9655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9655 AD-AD9655 Datasheet
1Mb / 38P
Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
Rev. 0
AD9655-125EBZ AD-AD9655-125EBZ Datasheet
1Mb / 38P
Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
Rev. 0
AD9655BCPZ-125 AD-AD9655BCPZ-125 Datasheet
1Mb / 38P
Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
Rev. 0
AD9655BCPZRL7-125 AD-AD9655BCPZRL7-125 Datasheet
1Mb / 38P
Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
Rev. 0
AD9655 AD-AD9655_17 Datasheet
1Mb / 38P
Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
Rev. 0
More results

Similar Description - AD9655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9265 AD-AD9265 Datasheet
2Mb / 44P
16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9653 AD-AD9653 Datasheet
1Mb / 40P
Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9681 AD-AD9681 Datasheet
1Mb / 40P
Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
REV. A
AD9656BCPZ-125 AD-AD9656BCPZ-125 Datasheet
1,007Kb / 44P
Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
REV. 0
AD9635 AD-AD9635 Datasheet
950Kb / 36P
Dual, 12-Bit, 80 MSPS/125 MSPS, Serial LVDS 1.8 V Analog-to-Digital Converter
REV. B
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. C
AD9655 AD-AD9655_17 Datasheet
1Mb / 38P
Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
Rev. 0
AD9656 AD-AD9656 Datasheet
1Mb / 47P
Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com