Electronic Components Datasheet Search
  English  ▼

X  

AD9655 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9655
Description  Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9655 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9655 Datasheet HTML 9Page - Analog Devices AD9655 Datasheet HTML 10Page - Analog Devices AD9655 Datasheet HTML 11Page - Analog Devices AD9655 Datasheet HTML 12Page - Analog Devices AD9655 Datasheet HTML 13Page - Analog Devices AD9655 Datasheet HTML 14Page - Analog Devices AD9655 Datasheet HTML 15Page - Analog Devices AD9655 Datasheet HTML 16Page - Analog Devices AD9655 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Data Sheet
AD9655
–20
0
20
40
60
80
100
120
–90
–70
–50
–30
–10
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dB)
Figure 11. SNR, SFDR vs. Input Amplitude; fIN = 9.7 MHz, fSAMPLE = 125 MSPS,
VREF = 1.0 V
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
0
10
20
30
40
50
60
AIN = –7dBFS
fIN = 100.1MHz, 102.1MHz
IMD2 = –89.6dBc
IMD3 = –90.2dBc
SFDR = 89.6dBc
f1 – f2
f1 – f2
f1 + V2
2
f2 – f1
2
f1 + f2
f1 + 2f2
Figure 12. Two-Tone 32k FFT with fIN1 = 100.1 MHz and fIN2 = 102.1 MHz,
fSAMPLE = 125 MSPS, VREF = 1.0 V
–140
–120
–100
–80
–60
–40
–20
0
–90
–70
–50
–30
–80
–60
–40
–20
–10
INPUT AMPLITUDE (dBFS)
–SFDR (dBc)
IMD3 (dBc)
–SFDR (dBFS)
IMD3 (dBFS)
Figure 13. Two-Tone SFDR, IMD3 vs. Input Amplitude (AIN) with
fIN1 = 100.1 MHz and fIN2 = 102.1 MHz, fSAMPLE = 125 MSPS, VREF = 1.0 V
0
10
20
30
40
50
60
70
80
90
100
500
0
100
200
300
400
INPUT FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 14. SNR, SFDR vs. Input Frequency (fIN); fSAMPLE = 125 MSPS, VREF = 1.0 V
70
75
80
95
85
90
60
80
–40
–20
0
20
40
TEMPERATURE (°C)
SNR (dBFS)
SFDR (dBc)
Figure 15. SNR, SFDR vs. Temperature; fIN = 9.7 MHz, fSAMPLE = 125 MSPS,
VREF = 1.0 V
–5
–3
–1
5
1
3
–4
–2
0
2
4
OUTPUT CODE
0
10000
20000
30000
40000
50000
60000
Figure 16. INL; fIN = 9.7 MHz, fSAMPLE = 125 MSPS, VREF = 1.0 V
Rev. 0 | Page 13 of 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com