Electronic Components Datasheet Search
  English  ▼

X  

AD9655 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9655
Description  Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9655 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9655 Datasheet HTML 6Page - Analog Devices AD9655 Datasheet HTML 7Page - Analog Devices AD9655 Datasheet HTML 8Page - Analog Devices AD9655 Datasheet HTML 9Page - Analog Devices AD9655 Datasheet HTML 10Page - Analog Devices AD9655 Datasheet HTML 11Page - Analog Devices AD9655 Datasheet HTML 12Page - Analog Devices AD9655 Datasheet HTML 13Page - Analog Devices AD9655 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
AD9655
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +2.0 V
Digital Outputs (D0x±, D1x±, DCO±,
FCO±) to AGND
−0.3 V to +2.0 V
CLK+, CLK− to AGND
−0.3 V to +2.0 V
VINx+, VINx− to AGND
−0.3 V to +2.0 V
SCLK/DFS, SDIO/PDWN, CSB to AGND
−0.3 V to +2.0 V
RBIAS to AGND
−0.3 V to +2.0 V
VREF to AGND
−0.3 V to +2.0 V
VCM to AGND
−0.3 V to +2.0 V
Environmental
Operating Temperature Range (Ambient)
−40°C to +85°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
The exposed pad is the only ground connection for the chip.
The exposed pad must be soldered to the AGND plane of the
circuit board. Soldering the exposed pad to the board also
increases the reliability of the solder joints and maximizes the
thermal capability of the package.
Table 9. Thermal Resistance
Package Type
Airflow
Velocity
(m/sec)
θJA1,2
θJC1,3
θJB1,4
ΨJT1,2
Unit
32-Lead LFCSP,
5 mm × 5 mm
0
37.1
3.1
20.7
0.3
°C/W
1.0
32.4
N/A5
N/A5
0.5
°C/W
2.5
29.1
N/A5
N/A5
0.8
°C/W
1
Per JEDEC 51-7, plus JEDEC 51-5 2S2P test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per MIL-Std 883, Method 1012.1.
4
Per JEDEC JESD51-8 (still air).
5
N/A means not applicable.
Typical θJA is specified for a 4-layer printed circuit board (PCB)
with a solid ground plane. As shown in Table 9, airflow improves
heat dissipation, which reduces θJA. In addition, metal in direct
contact with the package leads from metal traces, through holes,
ground, and power planes reduces θJA.
ESD CAUTION
Rev. 0 | Page 10 of 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com