Electronic Components Datasheet Search
  English  ▼

X  

AD9655 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9655
Description  Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9655 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9655 Datasheet HTML 8Page - Analog Devices AD9655 Datasheet HTML 9Page - Analog Devices AD9655 Datasheet HTML 10Page - Analog Devices AD9655 Datasheet HTML 11Page - Analog Devices AD9655 Datasheet HTML 12Page - Analog Devices AD9655 Datasheet HTML 13Page - Analog Devices AD9655 Datasheet HTML 14Page - Analog Devices AD9655 Datasheet HTML 15Page - Analog Devices AD9655 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
AD9655
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
VREF = 1.0 V
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
0
10
20
30
40
50
60
AIN = –1dBFS
fIN = 9.7MHz
SNR = 77.9dBFS
SINAD = 76.6dBc
SFDR = 89.7dBc
Figure 5. Single-Tone 32k FFT with fIN = 9.7 MHz, fSAMPLE = 125 MSPS,
VREF = 1.0 V
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
0
10
20
30
40
50
60
AIN = –1dBFS
fIN = 19.7MHz
SNR = 78dBFS
SINAD = 76.1dBc
SFDR = 85.9dBc
Figure 6. Single-Tone 32k FFT with fIN = 19.7 MHz, fSAMPLE = 125 MSPS, VREF = 1.0 V
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
0
10
20
30
40
50
60
AIN = –1dBFS
fIN = 69.5MHz
SNR = 77.5dBFS
SINAD = 76.0dBc
SFDR = 86.6dBc
Figure 7. Single-Tone 32k FFT with fIN = 69.5 MHz, fSAMPLE = 125 MSPS, VREF = 1.0 V
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
0
10
20
30
40
50
60
AIN = –1dBFS
fIN = 100.5MHz
SNR = 76.6dBFS
SINAD = 75.5dBc
SFDR = 91.1dBc
Figure 8. Single-Tone 32k FFT with fIN = 100.5 MHz, fSAMPLE = 125 MSPS, VREF = 1.0 V
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
0
10
20
30
40
50
60
AIN = –1dBFS
fIN = 139.5MHz
SNR = 75.7dBFS
SINAD = 74.3dBc
SFDR = 85.5dBc
Figure 9. Single-Tone 32k FFT with fIN = 139.5 MHz, fSAMPLE = 125 MSPS, VREF = 1.0 V
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
0
10
20
30
40
50
60
AIN = –1dBFS
fIN = 301MHz
SNR = 71.2dBFS
SINAD = 67dBc
SFDR = 70.3dBc
Figure 10. Single-Tone 32k FFT with fIN = 301 MHz, fSAMPLE = 125 MSPS, VREF = 1.0 V
Rev. 0 | Page 12 of 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com