Electronic Components Datasheet Search
  English  ▼

X  

AD9154-EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9154-EBZ
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 31Page - Analog Devices AD9154-EBZ Datasheet HTML 32Page - Analog Devices AD9154-EBZ Datasheet HTML 33Page - Analog Devices AD9154-EBZ Datasheet HTML 34Page - Analog Devices AD9154-EBZ Datasheet HTML 35Page - Analog Devices AD9154-EBZ Datasheet HTML 36Page - Analog Devices AD9154-EBZ Datasheet HTML 37Page - Analog Devices AD9154-EBZ Datasheet HTML 38Page - Analog Devices AD9154-EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 35 of 124
Equalization
To compensate for signal integrity distortions for each PHY
channel due to insertion loss caused by PCB trace characteristics,
the AD9154 employs an easy to use, low power equalizer on each
JESD204B channel. The AD9154 equalizers can compensate for
insertion losses far greater than required by the JESD204B
specification. The equalizers have two modes of operation
determined by the EQ_POWER_MODE register setting in
Register 0x268, Bits[7:6]. In low power mode (Register 0x268,
Bits[7:6] = 2b’01) and operating at the maximum lane rate, the
equalizer can compensate for up to 12 dB of insertion loss. In
normal mode (Register 0x268, Bits[7:6] = 2b’00), the equalizer can
compensate for up to 17.5 dB of insertion loss. This performance is
shown in Figure 44 as an overlay to the JESD204B specification for
insertion loss. Figure 44 shows the equalization performance at
10.0 Gbps, near the maximum baud rate for the AD9154.
Figure 45 and Figure 46 are provided as points of reference for
hardware designers and show the insertion loss for various
lengths of well laid out stripline and microstrip transmission
lines on FR-4 material.
Low power mode is recommended if the insertion loss of the
JESD204B PCB channels is less than that of the most lossy
supported channel for lower power mode (shown in Figure 44).
If the insertion loss is greater than that, but still less than that of
the most lossy supported channel for normal mode (shown in
Figure 44), use normal mode. At 10 Gbps operation, the equalizer
in normal mode consumes about 4 mW more power per lane
used than in low power equalizer mode. Note that either mode
can be used in conjunction with transmitter preemphasis to
ensure functionality and/or to optimize for power.
Figure 44. Insertion Loss Allowed
Figure 45. Insertion Loss of 50 Ω Striplines on FR-4
Figure 46. Insertion Loss of 50 Ω Microstrips on FR-4
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
5.0
7.5
2.5
AD9154 ALLOWED
CHANNEL LOSS
(NORMAL MODE)
AD9154 ALLOWED
CHANNEL LOSS
(LOW POWER MODE)
JESD204B SPEC ALLOWED
CHANNEL LOSS
EXAMPLE OF
JESD204B
COMPLIANT
CHANNEL
EXAMPLE OF
AD9154
COMPATIBLE
CHANNEL (LOW
POWER MODE)
EXAMPLE OF
AD9154
COMPATIBLE
CHANNEL
(NORMAL MODE)
–40
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
STRIPLINE = 6”
STRIPLINE = 10”
STRIPLINE = 15”
STRIPLINE = 20”
STRIPLINE = 25”
STRIPLINE = 30”
–40
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
6” MICROSTRIP
10” MICROSTRIP
15” MICROSTRIP
20” MICROSTRIP
25” MICROSTRIP
30” MICROSTRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com