Electronic Components Datasheet Search
  English  ▼

X  

AD9154-EBZ Datasheet(PDF) 87 Page - Analog Devices

Part # AD9154-EBZ
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 83Page - Analog Devices AD9154-EBZ Datasheet HTML 84Page - Analog Devices AD9154-EBZ Datasheet HTML 85Page - Analog Devices AD9154-EBZ Datasheet HTML 86Page - Analog Devices AD9154-EBZ Datasheet HTML 87Page - Analog Devices AD9154-EBZ Datasheet HTML 88Page - Analog Devices AD9154-EBZ Datasheet HTML 89Page - Analog Devices AD9154-EBZ Datasheet HTML 90Page - Analog Devices AD9154-EBZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 87 of 124
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x1C0
DACPLLT10
RESERVED
USE_NEW_CAL DOUBLE_F0_
CAL_CNT
LOCKDETECT_COUNT
LOCK_MODE
0x2E
R/W
0x1C1
DACPLLT11
RESERVED
CP_LVL_
DET_PD
CP_VL_LOW
CP_VL_HIGH
0x15
R/W
0x1C2
DACPLLT15
SDM_BP
SDM_PD
RESERVED
SDM_PROG
0x80
R/W
0x1C3
DACPLLT16
RESERVED
SDM_PROG3
SDM_PROG2
SDM_PROG1
0x00
R/W
0x1C4
DACPLLT17
RESERVED
VCO_VAR_REF_TCF
VCO_VAR_OFF
0x33
R/W
0x1C5
DACPLLT18
RESERVED
VCO_VAR_REF
0x08
R/W
0x200
MASTER_PD
RESERVED
SPI_PD_
MASTER
0x01
R/W
0x201
PHY_PD
UNUSEDLANES
0x00
R/W
0x203
GENERIC_PD
RESERVED
SPI_
SYNC1_PD
SPI_
SYNC2_PD
0x00
R/W
0x206
CDR_RESET
RESERVED
SPI_CDR_
RESETN
0x01
R/W
0x230
CDR_
OPERATING_
MODE_REG_0
RESERVED
HALFRATE
RESERVED
CDR_OVER
-SAMP
RESERVED 0x28
R/W
0x268
EQ_BIAS_REG
EQ_POWER_MODE
RESERVED
0x62
R/W
0x280
SYNTH_ENABLE_
CNTRL
RESERVED
SPI_RECAL_
SYNTH
RESERVED SPI_ENAB-
LE_SYNTH
0x00
R/W
0x281
PLL_STATUS
RESERVED
SPI_CP_OVER_
RANGE_HIGH_
RB
SPI_CP_OVER_
RANGE_LOW_R
B
SPI_CP_CAL_
VALID_RB
SPI_VCO_
CAL_IN_PRO
GRESS_RB
SPI_CUR-
RENTS_
READY_RB
SPI_PLL_
LOCK_RB
0x00
R
0x284
LOOP_FILTER_1
LOOP_FILTER_1
0x77
R/W
0x285
LOOP_FILTER_2
LOOP_FILTER_2
0x87
R/W
0x286
LOOP_FILTER_3
LOOP_FILTER_3
0x08
R/W
0x287
CP_CURRENT
RESERVED
SPI_SERDES_
LOGEN_POW-
ER_MODE
SPI_CP_CURRENT
0x3F
R/W
0x289
REF_CLK_
DIVIDER_LDO
RESERVED
SPI_LDO_REF
_SEL
SPI_LDO_
BYPASS_FILT
SPI_CDR_OVERSAMP
0x04
R/W
0x28A
VCO_LDO
SPI_SERDES_LDO_CONFIG
0x2B
R/W
0x28B
PLL_PD_REG
RESERVED
SPI_VCO_PD
SPI_VCO_PD_
PTAT
SPI_VCO_PD_
ALC
SPI_SYN_PD
SPI_SERDES
_LDO_PD
SPI_SERDES_LOGEN_
PD_CORE
Ox7F
R/W
0x290
ALC_
VARACTOR
SPI_INIT_ALC_VALUE
SPI_VCO_VARACTOR
0x83
R/W
0x291
VCO_OUTPUT
RESERVED
SPI_VCO_OUTPUT_LEVEL
0x49
R/W
0x294
CP_CONFIG
SPI_HALF_
VCO_CAL_
CLK
SPI_DITHER_
MODE
SPI_ENABLE_
MACHINE
SPI_CP_
OFFSET_OFF
SPI_CP_
FORCE_
CALBITS
SPI_CP_
CAL_EN
SPI_CP_TEST
0xB0
R/W
0x296
VCO_BIAS_1
RESERVED
SPI_VCO_BIAS_TCF
SPI_VCO_BIAS_REF
0x0C
R/W
0x297
VCO_BIAS_2
RESERVED
SPI_VCO_BY-
PASS_BIAS_
DAC_R
SPI_VCO_
COMP_BY-
PASS_BIASR
SPI_PRE-
SCALE_
BYPASS_R
SPI_LAST_
ALC_EN
SPI_PRESCALE_BIAS
0x00
R/W
0x299
VCO_PD_
OVERRIDES
RESERVED
SPI_VCO_PD
_OVERRIDE_
VAR_REF
SPI_VCO_P
D_OVER-
RIDE_VAR_R
EF_TCF
SPI_VCO_
PD_OVER-
RIDE_CAL
_TCF
SPI_VCO_
PD_OVER-
RIDE_VCO
BUF
0x00
R/W
0x29A
VCO_CAL
SPI_VCO_
CAL_EN
SPI_VCO_CAL_ALC_WAIT
SPI_VCO_CAL_COUNT
SPI_FB_CLOCK_ADV
0xFE
R/W
0x29C
CP_LEVEL_
DETECT
RESERVED
SPI_CP_LEVEL
_DET_PD
SPI_CP_LEVEL_THRESHOLD_LOW
SPI_CP_LEVEL_THRESHOLD_HIGH
0x17
R/W
0x29F
VCO_VARACTOR
_CONTROL_0
RESERVED
SPI_VCO_VARACTOR_REF_TCF
SPI_VCO_VARACTOR_OFFSET
0x33
R/W
0x2A0
VCO_VARACTOR
_CONTROL_1
RESERVED
SPI_VCO_VARACTOR_REF
0x08
R/W
0x2A7
TERM_BLK1_CTR
LREG0
RESERVED
SPI_I_TUNE
_R_CAL_
TERMBLK1
0x00
R/W
0x2AE
TERM_BLK2_
CTRLREG0
RESERVED
SPI_I_TUNE
_R_CAL_
TERMBLK2
0x00
R/W
0x300
GENERAL_JRX_C
TRL_0
RESERVED
CHECKSUM_
MODE
RESERVED
DUALLINK
CURRENT-
LINK
ENLINKS
0x00
R/W
0x301
GENERAL_JRX_C
TRL_1
RESERVED
SUBCLASSV_LOCAL
0x01
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com