Electronic Components Datasheet Search
  English  ▼

X  

AD9154-EBZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9154-EBZ
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 12Page - Analog Devices AD9154-EBZ Datasheet HTML 13Page - Analog Devices AD9154-EBZ Datasheet HTML 14Page - Analog Devices AD9154-EBZ Datasheet HTML 15Page - Analog Devices AD9154-EBZ Datasheet HTML 16Page - Analog Devices AD9154-EBZ Datasheet HTML 17Page - Analog Devices AD9154-EBZ Datasheet HTML 18Page - Analog Devices AD9154-EBZ Datasheet HTML 19Page - Analog Devices AD9154-EBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 124 page
background image
AD9154
Data Sheet
Rev. B | Page 16 of 124
Figure 16. Single Tone (0 dBFS) NSD vs. fOUT over fDAC,
20 MHz Offset from Carrier
Figure 17. Single Tone NSD vs. fOUT over Digital Back Off, fDAC = 1966.08 MHz,
Measured at 70 MHz
Figure 18. Single Tone NSD vs. fOUT, fDAC = 1966.08 MHz, Measured at 70 MHz,
PLL On and Off
Figure 19. 1-Channel (1C) 5 MHz BW LTE, First Adjacent ACLR vs. fOUT,
PLL On and Off
Figure 20. 1C 5 MHz BW LTE, Second Adjacent ACLR vs. fOUT, PLL On and Off
Figure 21. Two-Tone, Third IMD Performance, IF = 180 MHz,
fDAC = 1966.08 MHz
–170
–165
–160
–155
–150
–145
–140
–135
–130
fOUT (MHz)
100
0
200
300
400
500
fDAC = 983.04MHz
fDAC = 1228.8MHz
fDAC = 1474.56MHz
fDAC = 1966.08MHz
–170
–165
–160
–155
–150
–145
–140
–135
–130
fOUT (MHz)
0
100
200
300
400
500
600
700
800
900
1000
0dBFS
–6dBFS
–12dBFS
–15dBFS
–170
–165
–160
–155
–150
–145
–140
–135
–130
fOUT (MHz)
0
100
200
300
400
500
600
700
800
900
1000
PLL OFF
PLL ON
fOUT (MHz)
0
100
200
300
400
500
600
700
800
900
1000
PLL OFF
PLL ON
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
fOUT (MHz)
0
100
200
300
400
500
600
700
800
900
1000
PLL OFF
PLL ON
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
CENTER 180.550MHz
#RES BW 3.0kHz
SPAN 10.00MHz
SWEEP 22.80ms (1001PTS)
VBW 3.0kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com