Electronic Components Datasheet Search
  English  ▼

X  

AD9154-EBZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9154-EBZ
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 65Page - Analog Devices AD9154-EBZ Datasheet HTML 66Page - Analog Devices AD9154-EBZ Datasheet HTML 67Page - Analog Devices AD9154-EBZ Datasheet HTML 68Page - Analog Devices AD9154-EBZ Datasheet HTML 69Page - Analog Devices AD9154-EBZ Datasheet HTML 70Page - Analog Devices AD9154-EBZ Datasheet HTML 71Page - Analog Devices AD9154-EBZ Datasheet HTML 72Page - Analog Devices AD9154-EBZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 69 of 124
Datapath PRBS IRQ
The PRBS fail signals for each DAC are available as IRQ events.
Use Register 0x020, Bits[3:0] to enable the fail signals, and then
use Register 0x024, Bits[3:0] to read back their statuses and
reset the IRQ signals. See the Interrupt Request Operation
section for more information.
DC TEST MODE
The AD9154 provides a dc test mode. When dc test mode is
activated, the input to the digital data paths is set to a midscale
DAC input dc level in place of data from the JESD204B transport
layer. DC test mode is enabled by setting Register 0x520, Bit 1
and clearing Register 0x146, Bit 0. Register 0x146, Bit 0 must be
set to 1 for all other modes of operation.
In dc test mode, the digital modulator can generate a sine wave
at a fixed amplitude. Digital gain, dc offset, and phase adjustment
can be applied to the sine wave on its way to each DAC core input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com